Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09189-7AC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C09189-7AC
Description  64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09189-7AC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C09189-7AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09189-7AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY7C09089/99
CY7C09189/99
Document #: 38-06039 Rev. *A
Page 2 of 19
Functional Description
The CY7C09089/99 and CY7C09189/99 are high-speed syn-
chronous CMOS 64K and 128K x 8/9 dual-port static RAMs.
Two ports are provided, permitting independent, simultaneous
access for reads and writes to any location in memory.[4] Reg-
isters on control, address, and data lines allow for minimal set-
up and hold times. In pipelined output mode, data is registered
for decreased cycle time. Clock to data valid tCD2 = 6.5 ns
[1]
(pipelined). Flow-through mode can also be used to bypass
the pipelined output register to eliminate access latency. In
flow-through mode data will be available tCD1 = 15 ns after the
address is clocked into the device. Pipelined output or flow-
through mode is selected via the FT/Pipe pin.
Each port contains a burst counter on the input address regis-
ter. The internal write pulse width is independent of the LOW-
to-HIGH transition of the clock signal. The internal write pulse
is self-timed to allow the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle will power
down the internal circuitry to reduce the static power consump-
tion. The use of multiple Chip Enables allows easier banking
of multiple chips for depth expansion configurations. In the
pipelined mode, one cycle is required with CE0 LOW and CE1
HIGH to reactivate the outputs.
Counter enable inputs are provided to stall the operation of the
address input and utilize the internal address generated by the
internal counter for fast interleaved memory applications. A
port’s burst counter is loaded with the port’s Address Strobe
(ADS). When the port’s Count Enable (CNTEN) is asserted,
the address counter will increment on each LOW-to-HIGH
transition of that port’s clock signal. This will read/write one
word from/into each successive address location until CNTEN
is deasserted. The counter can address the entire memory
array and will loop back to the start. Counter Reset (CNTRST)
is used to reset the burst counter.
All parts are available in 100-pin Thin Quad Plastic Flatpack
(TQFP) packages.
Note:
4.
When writing simultaneously to the same location, the final value cannot be guaranteed.


Similar Part No. - CY7C09189-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09189V CYPRESS-CY7C09189V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V CYPRESS-CY7C09189V Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AXC CYPRESS-CY7C09189V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09189-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com