Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAP64-04 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BAP64-04
Description  Silicon PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-04 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAP64-04 Datasheet HTML 1Page - NXP Semiconductors BAP64-04 Datasheet HTML 2Page - NXP Semiconductors BAP64-04 Datasheet HTML 3Page - NXP Semiconductors BAP64-04 Datasheet HTML 4Page - NXP Semiconductors BAP64-04 Datasheet HTML 5Page - NXP Semiconductors BAP64-04 Datasheet HTML 6Page - NXP Semiconductors BAP64-04 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1999 Jun 16
5
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP64-04
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HVD142 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Hitachi Semiconductor
BAP64-03 Silicon PIN diode 1  2  3  4  5  More NXP Semiconductors
BAR63-02W Silicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance small capacitance small inductance 1  2  3  4  Siemens Semiconductor Group
BXY42BA-7 Silicon PIN Diode Fast switching 1  2  Siemens Semiconductor Group
AP1000B-00 SILICON PIN DIODE CHIP 1  Advanced Semiconductor
HVL133A Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVC131 Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1  2  3  4  5  Hitachi Semiconductor
HVD132 Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1  2  3  4  5  Hitachi Semiconductor
BAP63-03 Silicon PIN diode 1  2  Leshan Radio Company
MMVL3401T1 Silicon Pin Diode 1  2  Leshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn