Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BCP-3 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5392BCP-3
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-3 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5392BCP-3 Datasheet HTML 8Page - Analog Devices AD5392BCP-3 Datasheet HTML 9Page - Analog Devices AD5392BCP-3 Datasheet HTML 10Page - Analog Devices AD5392BCP-3 Datasheet HTML 11Page - Analog Devices AD5392BCP-3 Datasheet HTML 12Page - Analog Devices AD5392BCP-3 Datasheet HTML 13Page - Analog Devices AD5392BCP-3 Datasheet HTML 14Page - Analog Devices AD5392BCP-3 Datasheet HTML 15Page - Analog Devices AD5392BCP-3 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5378
Rev. PrA | Page 12 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
456
789
10 11 12
12
3
456
789
10 11 12
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
AD5378
TOP VIEW
Figure 7. Pin Configuration
Table 8. 108-Lead CSPBGA Ball Configuration
CSPBGA No.
Ball Name
A1
REG0
A2
VCC3
A3
DB10
A4
AGND4
A5
VBIAS
A6
VOUT5
A7
AGND3
A8
REFGNDA1
A9
VDD5
A10
VSS5
A11
VSS4
A12
VDD4
B1
REG1
B2
DGND4
B3
DB9
B4
CLR
B5
AGND
B6
AGND
B7
VOUT0
B8
VOUT1
B9
VOUT2
B10
VOUT25
B11
REFGNDD1
B12
VOUT24
C1
DB13
C2
DB12/SCLK
C3
DB11/DIN
CSPBGA No.
Ball Name
C4
SER/PAR1
C5
LDAC
C6
VOUT6
C7
VOUT3
C8
VOUT4
C9
VOUT7
C10
VOUT28
C11
VOUT26
C12
VOUT27
D1
DB7
D2
DB8
D3
DGND1
D10
VREF1(−)
D11
VOUT29
D12
AGND
E1
DB5
E2
DB6
E3
VCC1
E10
REFGNDB2
E11
AGND
E12
VOUT30
F1
DB4
F2
DB3
F3
DB2
F10
VDD3
F11
REFGNDD2
F12
VOUT31
CSPBGA No.
Ball Name
G1
DB1
G2
DB0
G3
BUSY
G10
VSS3
G11
VOUT23
G12
REFGNDC2
H1
WR/DCEN
H2
SDO3
H3
CS/SYNC
H10
VOUT22
H11
AGND
H12
AGND
J1
A0
J2
A1
J3
A2
J10
VOUT15
J11
VOUT20
J12
VOUT21
K1
A4
K2
A5
K3
A3
K4
DGND2
K5
REFGNDA2
K6
VREF2(−)
K7
VOUT10
K8
VOUT11
K9
AGND
CSPBGA No.
Ball Name
K10
VOUT14
K11
VOUT18
K12
VOUT19
L1
A7
L2
A6
L3
N/C2
L4
RESET3
L5
AGND
L6
AGND2
L7
VOUT12
L8
VOUT8
L9
VDD1
L10
VREF2(+)
L11
VOUT16
L12
VOUT17
M1
DGND3
M2
VCC2
M3
FIFOEN1
M4
AGND1
M5
VOUT13
M6
VOUT9
M7
REFGNDB1
M8
VREF1(+)
M9
VSS1
M10
VSS2
M11
VDD2
M12
REFGNDC1
_________________________
1 Internal 1 MΩ pull-down device on this logic input. Therefore, it can be left floating, and it defaults to a logic low condition.
2 N/C—Do not connect to this pin. Internal active pull-up device on these logic inputs. They default to a logic high condition.
3 Internal 1 MΩ pull-up device on this logic input. Therefore, it can be left floating, and it defaults to a logic high condition.


Similar Part No. - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-3-REEL AD-AD5392BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3-REEL7 AD-AD5392BCP-3-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Similar Description - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com