Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B47-K-05 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B47-K-05
Description  Isolated, Linearized Thermocouple Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B47-K-05 Datasheet(HTML) 4 Page - Analog Devices

  5B47-K-05 Datasheet HTML 1Page - Analog Devices 5B47-K-05 Datasheet HTML 2Page - Analog Devices 5B47-K-05 Datasheet HTML 3Page - Analog Devices 5B47-K-05 Datasheet HTML 4Page - Analog Devices 5B47-K-05 Datasheet HTML 5Page - Analog Devices 5B47-K-05 Datasheet HTML 6Page - Analog Devices 5B47-K-05 Datasheet HTML 7Page - Analog Devices 5B47-K-05 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B47
Rev. 0 | Page 4 of 8
Output, 100 kHz Bandwidth
500 µV rms
Bandwidth, -3 dB
4 Hz
Output Rise Time, 10% to 90% Span
200 ms
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
1500 V rms, maximum
Output-to-Power, Continuous4
±3 V, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Source Imbalance, 50/60 Hz
160 dB
Normal Mode Rejection (NMR), 50/60 Hz
60 dB
Input Protection
Continuous
240 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Output Resistance
50
Voltage Output Protection
Continuous Short to Ground
Output Selection Time
6 µs @ Cload = 0 to 2,000 pF
Output Enable Control
Max Logic "0"
+1 V
Min Logic "1"
+2.5 V
Max Logic "1"
+36 V
Input Current "0"
0.4 mA
Open Input Response
Upscale
Open Input Response Time
10 seconds
Power Supply Voltage
+5 V ±5%
Power Supply Current
30 mA
Power Supply Sensitivity, RTI
±2 µV/% of Vs
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 93% @ +40°C non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Includes the combined effects of repeatability, hysteresis, and nonlinearity and assumes RL > 50 k . Loads heavier than 50 k will degrade nonlinearity and gain temperature
coefficient.
2±1 µV/°C is equivalent to 0.02°C/°C for Type J thermocouples; 0.025°C/°C for Type K and T thermocouples; 0.016°C/°C for Type E thermocouples; 0.168°C/°C for Type R and S
thermocouples.
3When used with the model AC1361 CJC sensor (see Accessories section), which is provided on each channel of 5B Series backplanes and mounting cards.
4The output common must be kept within ±3 V of power common.
Specifications subject to change without notice.


Similar Part No. - 5B47-K-05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B47 AD-5B47_15 Datasheet
699Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
More results

Similar Description - 5B47-K-05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B47 AD-7B47 Datasheet
540Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B47 AD-3B47 Datasheet
347Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
3B47 AD-3B47_15 Datasheet
352Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
logo
List of Unclassifed Man...
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
logo
Analog Devices
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34 Datasheet
549Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
3B34 AD-3B34 Datasheet
358Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com