Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C652IFAA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S80C652IFAA
Description  CMOS single-chip 8-bit microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S80C652IFAA Datasheet(HTML) 2 Page - NXP Semiconductors

  S80C652IFAA Datasheet HTML 1Page - NXP Semiconductors S80C652IFAA Datasheet HTML 2Page - NXP Semiconductors S80C652IFAA Datasheet HTML 3Page - NXP Semiconductors S80C652IFAA Datasheet HTML 4Page - NXP Semiconductors S80C652IFAA Datasheet HTML 5Page - NXP Semiconductors S80C652IFAA Datasheet HTML 6Page - NXP Semiconductors S80C652IFAA Datasheet HTML 7Page - NXP Semiconductors S80C652IFAA Datasheet HTML 8Page - NXP Semiconductors S80C652IFAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
2
1996 Aug 16
853–1689 17192
DESCRIPTION
The 87C654 Single-Chip 8-Bit Microcontroller
is manufactured in an advanced CMOS
process and is a derivative of the 80C51
microcontroller family. The 87C654 has the
same instruction set as the 80C51. Two
versions of the derivative exist:
83C654—16k bytes mask programmable
ROM
87C654—EPROM version
This device provides architectural
enhancements that make it applicable in a
variety of applications for general control
systems. The 87C654 contains a non-volatile
16k
× 8 EPROM, a volatile 256 × 8 read/write
data memory, four 8-bit I/O ports, two 16-bit
timer/event counters (identical to the timers of
the 80C51), a multi-source, two-priority-level,
nested interrupt structure, an I2C interface,
UART and on-chip oscillator and timing
circuits. For systems that require extra
capability, the 87C654 can be expanded
using standard TTL compatible memories
and logic.
The device also functions as an arithmetic
processor having facilities for both binary and
BCD arithmetic plus bit-handling capabilities.
The instruction set consists of over 100
instructions: 49 one-byte, 45 two-byte and 17
three-byte. With a 16MHz crystal, 58% of the
instructions are executed in 0.75
µs and 40%
in 1.5
µs. Multiply and divide instructions
require 3
µs.
FEATURES
80C51 central processing unit
16k × 8 EPROM expandable externally to
64k bytes
256 × 8 RAM, expandable externally to
64k bytes
Two standard 16-bit timer/counters
Four 8-bit I/O ports
I2C-bus serial I/O port with byte oriented
master and slave functions
Full-duplex UART facilities
Power control modes
– Idle mode
– Power-down mode
Five package styles
Extended temperature range
OTP package available
Two speed ranges
– 16MHz
– 20MHz
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
SCL/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
SDA/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
CERAMIC
AND
PLASTIC
DUAL
IN-LINE
PACKAGE
CERAMIC
AND PLASTIC
LEADED
CHIP
CARRIER
6
1
40
7
17
39
29
18
28
PLASTIC
QUAD
FLAT
PACK
44
34
1
11
33
23
12
22
SU00259


Similar Part No. - S80C652IFAA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
S80C186 AMD-S80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-12 AMD-S80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-16 AMD-S80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-20 AMD-S80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-25 AMD-S80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - S80C652IFAA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com