Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT16245A Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHCT16245A
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT16245A Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCT16245A Datasheet HTML 1Page - STMicroelectronics 74VHCT16245A Datasheet HTML 2Page - STMicroelectronics 74VHCT16245A Datasheet HTML 3Page - STMicroelectronics 74VHCT16245A Datasheet HTML 4Page - STMicroelectronics 74VHCT16245A Datasheet HTML 5Page - STMicroelectronics 74VHCT16245A Datasheet HTML 6Page - STMicroelectronics 74VHCT16245A Datasheet HTML 7Page - STMicroelectronics 74VHCT16245A Datasheet HTML 8Page - STMicroelectronics 74VHCT16245A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74VCHT16245A
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) Output in OFF State
2) High or Low State
RECOMMENDED OPERATING CONDITIONS
1) Output in OFF State
2) High or Low State
3) VIN from 0.8V to 2V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage (DIR, G)
-0.5 to +7.0
V
VI/O
DC BUS I/O Voltage (see note 1)
-0.5 to +7.0
V
VI/O
DC BUS I/O Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VI/O
BUS I/O Voltage (see note 1)
0 to 5.5
V
VI/O
BUS I/O Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (see note 3) (VCC =5.0 ± 0.5V)
0 to 20
ns/V


Similar Part No. - 74VHCT16245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16240ATTR STMICROELECTRONICS-74VHCT16240ATTR Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244A STMICROELECTRONICS-74VHCT16244A Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244ATTR STMICROELECTRONICS-74VHCT16244ATTR Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
More results

Similar Description - 74VHCT16245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com