Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117IDRJRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV1117IDRJRG4
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117IDRJRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1117IDRJRG4 Datasheet HTML 1Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 2Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 3Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 4Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 5Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 6Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 7Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 8Page - Texas Instruments TLV1117IDRJRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
OUTPUT
INPUT
ADJ/GND
INPUT
ADJ/GND
KTP (PowerFLEXE/TO-252) PACKAGE
(TOP VIEW)
OUTPUT
DCY (SOT-223) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJ/GND
KVU (TO-252) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJ/GND
KCS (TO-220) PACKAGE
(TOP VIEW)
KTE (PowerFLEXE) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJ/GND
DRJ (QFN) PACKAGE
(TOP VIEW)
VOUT(2)
ADJ
2
3
4
1
8
7
6
5
VIN(1)
VIN(1)
VIN(1)
VOUT(2)
VOUT(2)
NC
(1) VIN pins (2, 3, 4) must be connected together.
(2) VOUT pins (5, 6, 7) must be connected together.
VOUT
DESCRIPTION/ORDERING INFORMATION
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V, and
Specified Dropout Voltage at Multiple Current
Adjustable-Output Voltage Options
Levels
Output Current of 800 mA
0.2% Line Regulation Maximum
0.4% Load Regulation Maximum
The TLV1117 is a positive low-dropout voltage regulator designed to provide up to 800 mA of output current.
The device is available in 1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V, and adjustable-output voltage options. All internal
circuitry is designed to operate down to 1-V input-to-output differential. Dropout voltage is specified at a
maximum of 1.3 V at 800 mA, decreasing at lower load currents.
The low-profile surface-mount KTP package allows the device to be used in applications where space is limited.
The TLV1117 is designed to be stable with tantalum and aluminum electrolytic output capacitors having an ESR
between 0.2
Ω and 10 Ω.
Unlike pnp-type regulators, in which up to 10% of the output current is wasted as quiescent current, the
quiescent current of the TLV1117 flows into the load, increasing efficiency.
The TLV1117C device is characterized for operation over the virtual junction temperature range of 0
°C to 125°C,
and the TLV1117I device is characterized for operation over the virtual junction temperature range of –40
°C to
125
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV1117IDRJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117IDRJRG4 TI1-TLV1117IDRJRG4 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117IDRJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com