Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C652IFPN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S80C652IFPN
Description  CMOS single-chip 8-bit microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S80C652IFPN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S80C652IFPN Datasheet HTML 6Page - NXP Semiconductors S80C652IFPN Datasheet HTML 7Page - NXP Semiconductors S80C652IFPN Datasheet HTML 8Page - NXP Semiconductors S80C652IFPN Datasheet HTML 9Page - NXP Semiconductors S80C652IFPN Datasheet HTML 10Page - NXP Semiconductors S80C652IFPN Datasheet HTML 11Page - NXP Semiconductors S80C652IFPN Datasheet HTML 12Page - NXP Semiconductors S80C652IFPN Datasheet HTML 13Page - NXP Semiconductors S80C652IFPN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
1996 Aug 16
10
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP to VSS
–0.5 to + 13
V
Voltage on any other pin to VSS
–0.5 to + 6.5
V
Input, output current on any single pin
±5
mA
Power dissipation (based on package heat transfer
limitations, not device power consumption)
1
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions other than those described in the AC and DC Electrical
Characteristics section of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices
from the damaging effects of excessive static charge. Nonetheless, it is suggested that
conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All
voltages are with respect to VSS unless otherwise noted.
DEVICE SPECIFICATIONS
SUPPLY VOLTAGE
(V)
FREQUENCY
(MHz)
TEMPERATURE
RANGE
TYPE
MIN.
MAX.
MIN.
MAX.
(
°C)
S87C654–4
4.5
5.5
3.5
16
0 to +70
S87C654–5
4.5
5.5
3.5
16
–40 to +85
S87C654–7
4.5
5.5
3.5
20
0 to +70
S87C654–8
4.5
5.5
3.5
20
–40 to +85


Similar Part No. - S80C652IFPN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
S80C186 AMD-S80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-12 AMD-S80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-16 AMD-S80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-20 AMD-S80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-25 AMD-S80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - S80C652IFPN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com