Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S7AH-06E Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part No. S7AH-06E
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-06E Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7AH-06E Datasheet HTML 1Page - Bel Fuse Inc. S7AH-06E Datasheet HTML 2Page - Bel Fuse Inc. S7AH-06E Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 – 13.2V Input / 1.0 – 3.3V Output / 6A
Derating Guidelines
Output Trim Equations
Vnom
A
B
C
D
3.3V
168.70
152.80
37.14
90.90
1.8V
74.95
152.80
37.14
90.90
D
V
V
C
R
B
V
V
A
R
nom
adj
TrimUp
adj
nom
TrimDown
=
=
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and
the nominal output voltage of the converter (Vnom) are shown below. The Trim Down resistor
should be connected between the Trim pin and Vout. The Trim Up resistor should be connected
between the Trim pin and Ground. Only one of the resistors should be used for any given
application.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn