Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S553-6500-10 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S553-6500-10
Description  T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-6500-10 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S553-6500-10 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 2Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 3Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 4Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 5Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 6Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 7Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 8Page - Bel Fuse Inc. S553-6500-10 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
T1/CEPT/ISDN-PRI TRANSFORMER
S559-6400-00
MECHANICALS
SUGGESTED
PAD LAYOUT
bel
S559-6400-00
Date Code
0.400
(10.16)
Max
0.675(17.15)
Max
0.60(15.24)
Max
0.640
(16.3)
0.400
(10.2)
0.500
(12.7)
0.10(2.5) Typ
0.05(1.3) Typ
12
7
6
0.10(2.54)
0.03(0.76)
0.470
(11.94)
Max
1
0.340
(8.64)
Max
0.055
(1.40)
0o -5o
0.015(0.38)Min
0.02(0.51) Max
Primary
Inductance
OCL(mH) Min
Leakage
Inductance
L
L (µH) Max
Pins (4-6) and
Pins (10-12)
Pins (4-6) and
Pins (10-12)
Turns Ratio +/- 5%
Part
Number
Dielectric
Strength
(VAC)
1.1
Pins
(1-3)
Pins
(4-6)
Pins
(7-9)
DCR (ohms)
Max
Pins
(10-12)
Pins (1,2,3) to Pins (10,11,12)
and Pins (4,5,6) to Pins (7,8,9)
Interwinding Capacitance
(pF) Max
Dielectric Strength is measured Pins (1,2,3) to Pins (10,11,12) and Pins (4,5,6) to Pins (7,8,9).
Primary Inductance, Leakage Inductance, and Interwinding Capacitance are measured at 100KHz, 0.02VAC.
S559-6400-00
1.5
0.8
60
1.0
1.0
1.0
1500
Part
Number
Pins (10-12):(1-3)
Pins (4-6):(7-9)
1CT:1.15CT
S559-6400-00
1CT:1CT
ELECTRICALS @ 25O C
All dimensions are in inches(mm).
Dimension Tolerance is +/-0.01(0.25)
unless otherwise specified.
* Dielectric Strength 1500 VAC.
* Temperature Range is
-40oC to 85oC.
Bel offers a dual, T1, surface mount
transformer packaged to provide both transmit and
receive transformers. This design is easily custom-
ized for other leading transceiver chips by adjusting
the turns ratio.
1
2
3
12
11
10
4
56
9
8
7
SCHEMATIC
TM0003
T102


Similar Part No. - S553-6500-10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-03 BEL-S553-6500-03 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-05 BEL-S553-6500-05 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-06 BEL-S553-6500-06 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-07 BEL-S553-6500-07 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-08 BEL-S553-6500-08 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
More results

Similar Description - S553-6500-10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-03 BEL-S553-6500-03 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com