Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2805A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part No. 2805A
Description  ISDN MAGNETICS UPO Interface Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2805A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2805A Datasheet HTML 1Page - Bel Fuse Inc. 2805A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 09.99
TM9939
T330
UPO Interface Transformer
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
Qualified per Bellcore TR-TSY-000357-1
Approved by UL and CSA
8
7
6
5
1
2
3
4
Primary
Secondary
Minimum interwinding breakdown voltage of 1500 Vrms
2805A
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
i
r
P
c
e
S
A
5
0
8
25
2
.
1
:
0
.
10
7
.
10
.
2
11
9
.
30
0
.
30
9
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
f
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
s
n
e
m
e
i
S5
9
0
2
B
E
P


Similar Part No. - 2805A

ManufacturerPart No.DatasheetDescription
KR Electronics, Inc.
KR Electronics, Inc.
2805 KR-2805 Datasheet
47Kb / 2P
   45 MHz lowpass filter
Emcore Corporation
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
   110 Channel CATV Private Network Solution (PNS)
PHOENIX CONTACT
PHOENIX CONTACT
2805025 PHOENIX-2805025 Datasheet
59Kb / 3P
   Housing - BNC-DV-LG
09/12/2020
2805038 PHOENIX-2805038 Datasheet
79Kb / 2P
   BNC-DV 50
2805041 PHOENIX-2805041 Datasheet
76Kb / 2P
   BNC-V 50
More results

Similar Description - 2805A

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
   ISDN MAGNETICS UPO Interface Transformers
2809B BEL-2809B Datasheet
28Kb / 2P
   ISDN MAGNETICS Global U Interface Transformer
2768A BEL-2768A Datasheet
29Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformer
2776A BEL-2776A Datasheet
28Kb / 2P
   ISDN MAGNETICS Single S Interface Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01663 EEMAGNETIC-821-01663 Datasheet
54Kb / 3P
   TRANSFORMER, Upo INTERFACE, SMT,6 PIN
Bel Fuse Inc.
Bel Fuse Inc.
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz