Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2795H Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2795H
Description  HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2795H Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2795H Datasheet HTML 1Page - Bel Fuse Inc. 2795H Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
TM00143
T1-95
T1/E1 Miniature Surface Mount Tranformers
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
2795H
2795J
2795K
2795L
Meet pulse template and return loss requirements of T1/
E1 interface circuits
Designed to meet stringent requirements of low-voltage
applications
Maximum inductance unbalance of center-tapped
windings is 0.2%
Minimum interwinding breakdown voltage of 1500 Vrms
Operating temperature range: -40° C to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
1
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
1
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
x
a
m
H
µ
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
p
y
t
F
p
y
t
i
l
i
b
a
p
a
C
e
g
a
t
l
o
V
e
g
r
u
S
3
c
i
l
l
a
t
e
M
l
a
n
i
d
u
t
i
g
n
o
L
c
e
S
:
i
r
P
)
6
-
4
(
)
1
-
3
(
k
a
e
p
V
k
a
e
p
V
K
5
9
7
2T
C
3
9
.
1
:
10
1
8
.
04
.
02
.
13
.
25
30
0
0
30
0
5
2
H
5
9
7
2T
C
2
:
13
.
1 4
5
.
08
.
17
.
35
40
0
5
20
0
5
2
L
5
9
7
2T
C
1
.
2
:
11
.
16
.
08
.
18
.
37
40
0
5
20
0
5
2
J
5
9
7
2T
C
5
4
.
2
:
10
5
9
.
04
.
05
.
17
.
35
40
0
5
20
0
5
2
c
a
V
5
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
1
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
n
o
i
t
a
m
r
o
f
n
I
y
r
a
t
n
e
m
e
l
p
p
u
S
e
e
S
.
3
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
4
K
5
9
7
2
d
n
a
J
5
9
7
2
r
o
f
s
s
o
L
n
r
u
t
e
R
m
u
m
i
n
i
M
s
r
e
v
i
e
c
s
n
a
r
t
t
l
o
v
3
.
3
t
n
e
c
u
L
h
t
i
w
d
e
s
u
e
c
a
f
r
e
t
n
I
y
c
n
e
u
q
e
r
F
z
H
k
1
5
z
H
k
2
0
1
z
H
M
2
z
H
M
3
e
v
i
e
c
e
RB
d
4
1B
d
0
2B
d
0
2B
d
6
1
t
i
m
s
n
a
r
T
1
B
d
9B
d
5
1B
d
5
1B
d
1
1
)
6
-
4
(
g
n
i
d
n
i
w
s
s
o
r
c
a
%
0
1
±
F
p
0
7
4
f
o
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
e
c
a
l
p
,
y
l
n
o
,
t
i
m
s
n
a
r
t
r
o
F
.
1
4
6
3
2 CT
1
Primary
Secondary


Similar Part No. - 2795H

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
2795 NDK-2795 Datasheet
90Kb / 1P
   Crystal Clock Oscillator Two Frequencies-switching Type
logo
KR Electronics, Inc.
2795 KR-2795 Datasheet
48Kb / 2P
   32.5 MHz lowpass filter
logo
Heyco.
2795 HEYCO-2795 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Winchester Electronics ...
2795-303-9 WINCHESTER-2795-303-9 Datasheet
60Kb / 1P
   PLUG, THREADED, MDB
logo
PHOENIX CONTACT
2795931 PHOENIX-2795931 Datasheet
104Kb / 5P
   Surge protection device - TT-UK-R-F/ 48AC
More results

Similar Description - 2795H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2771G BEL-2771G Datasheet
44Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
2771B BEL-2771B Datasheet
52Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C6 BEL-S553-6500-C6 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
2771K BEL-2771K Datasheet
47Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com