Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2776A Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part No. 2776A
Description  ISDN MAGNETICS Single S Interface Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2776A Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2776A Datasheet HTML 1Page - Bel Fuse Inc. 2776A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite F23, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice.
TM99AA
Single S Interface Transformer
MECHANICAL
5
6
7
8
4
3
2
1
0.680
[17.27]
max
Terminal 1 ID
1.150 [29.21] max
0.800 [20.32]
0.110± 0.010
[2.79± 0.25]
0.540 [13.72]
max
0.150 [3.81]
8 Terminals
0.023 [0.58]
Square
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
2776A


Similar Part No. - 2776A

ManufacturerPart No.DatasheetDescription
KR Electronics, Inc.
KR Electronics, Inc.
2776 KR-2776 Datasheet
50Kb / 2P
   Sharp Transition to Stopband
PHOENIX CONTACT
PHOENIX CONTACT
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
   Component terminal block - UDK 4-DUR 5K1
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
   Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
Bel Fuse Inc.
Bel Fuse Inc.
2776C BEL-2776C Datasheet
27Kb / 2P
   HDSL MAGNETICS Transformer
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results

Similar Description - 2776A

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
2768A BEL-2768A Datasheet
29Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
Rhombus Industries Inc.
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
PCA ELECTRONICS INC.
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz