Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2771J Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part No. 2771J
Description  ISDN MAGNETICS UPO Interface Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2771J Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2771J Datasheet HTML 1Page - Bel Fuse Inc. 2771J Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
ISDN MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00209
T2-22
UPO Interface Transformer
MECHANICAL
5
6
7
8
4
23
1
0.120 [3.05]
typ
0.255
[6.48]
0.045 [1.14]
typ
Component
Center
0.008 [0.203]
2 places
4
1
5
8
Terminal 1
Identifier
0.030
[0.76]
0.590 [15.00] max
0.495
[12.57]
max
0.430
[10.92]
max
0.160 [4.06]
ref
0.120 [3.05]
ref
0.395
[10.03]
max
0.024 [0.61]
0.100 [2.54]
typ
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
Suggested PCB Pad Layout
2771J


Similar Part No. - 2771J

ManufacturerPart No.DatasheetDescription
KR Electronics, Inc.
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
   Bandpass Filter
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
   140 MHz Bandpass Filter
PHOENIX CONTACT
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
   UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
   UKKB 3
2771094 PHOENIX-2771094 Datasheet
161Kb / 6P
   UKKB 3 BU
More results

Similar Description - 2771J

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
   ISDN MAGNETICS UPO Interface Transformers
2809B BEL-2809B Datasheet
28Kb / 2P
   ISDN MAGNETICS Global U Interface Transformer
2768A BEL-2768A Datasheet
29Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformer
2776A BEL-2776A Datasheet
28Kb / 2P
   ISDN MAGNETICS Single S Interface Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01663 EEMAGNETIC-821-01663 Datasheet
54Kb / 3P
   TRANSFORMER, Upo INTERFACE, SMT,6 PIN
Bel Fuse Inc.
Bel Fuse Inc.
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz