Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2745F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2745F
Description  HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2745F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2745F Datasheet HTML 1Page - Bel Fuse Inc. 2745F Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00128
T1-63
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Designed to operate at the DS1 rate of 1.544 Mbits/s
as a line interface transformer
Only difference between 2745F and 2745F2 is the
terminal length
Winding (3-1) can handle a 6 A surge current for 1
second
Designed for remote powering with simplex-feed
current
HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Hardened Transformers
2745F
2745F2
3
1
2
6
4
1 CT : 2
CT
r
e
b
m
u
N
t
r
a
P
l
a
n
i
m
o
N
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
n
i
M
H
m
R
C
D
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
x
a
m
H
µ
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
)
1
-
3
(
)
6
-
4
(
)
4
-
6
(
:
)
1
-
3
(
)
1
-
3
(
x
a
m
n
i
m
x
a
m
n
i
m
)
1
-
3
(
F
5
4
7
22
:
T
C
15
1
.
35
6
.
02
4
.
02
.
53
.
47
.
10
5
8
2
F
5
4
7
22
:
T
C
15
1
.
35
6
.
02
4
.
02
.
53
.
47
.
10
5
8
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
1
Operating temperature range: -40° C to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias


Similar Part No. - 2745F

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2745169 PHOENIX-2745169 Datasheet
343Kb / 18P
   AXC F IL ADAPT
logo
Bel Fuse Inc.
2745AF BEL-2745AF Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AF2 BEL-2745AF2 Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AF2 BEL-2745AF2 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745AG2 BEL-2745AG2 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results

Similar Description - 2745F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2745AF BEL-2745AF Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AL2 BEL-2745AL2 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2741F2 BEL-2741F2 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2664AK BEL-2664AK Datasheet
27Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741B BEL-2741B Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741S BEL-2741S Datasheet
61Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2662K BEL-2662K Datasheet
50Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com