Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL99W Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAL99W
Description  High-speed diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAL99W Datasheet(HTML) 5 Page - NXP Semiconductors

  BAL99W Datasheet HTML 1Page - NXP Semiconductors BAL99W Datasheet HTML 2Page - NXP Semiconductors BAL99W Datasheet HTML 3Page - NXP Semiconductors BAL99W Datasheet HTML 4Page - NXP Semiconductors BAL99W Datasheet HTML 5Page - NXP Semiconductors BAL99W Datasheet HTML 6Page - NXP Semiconductors BAL99W Datasheet HTML 7Page - NXP Semiconductors BAL99W Datasheet HTML 8Page - NXP Semiconductors BAL99W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 May 06
5
Philips Semiconductors
Product specification
High-speed diode
BAL99W
Fig.5
Reverse current as a function of junction
temperature.
105
10
4
10
200
0
MGA884
100
T ( C)
j
o
IR
(nA)
10
3
10
2
75 V
25 V
typ
max
V
= 75 V
R
typ
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
08
16
12
4
0.8
0.6
0
0.4
0.2
MBG446
VR (V)
Cd
(pF)


Similar Part No. - BAL99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99W PANJIT-BAL99W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAL99W WTE-BAL99W Datasheet
33Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Comchip Technology
BAL99W COMCHIP-BAL99W Datasheet
107Kb / 2P
   Surface Mount Switching Diode
logo
Formosa MS
BAL99W FORMOSA-BAL99W Datasheet
100Kb / 2P
   Dual Series Switching Diode - Silicon epitaxial planar type
logo
Comchip Technology
BAL99W COMCHIP-BAL99W Datasheet
107Kb / 2P
   Surface Mount Switching Diode
More results

Similar Description - BAL99W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com