Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL99 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAL99
Description  High-speed diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAL99 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAL99 Datasheet HTML 1Page - NXP Semiconductors BAL99 Datasheet HTML 2Page - NXP Semiconductors BAL99 Datasheet HTML 3Page - NXP Semiconductors BAL99 Datasheet HTML 4Page - NXP Semiconductors BAL99 Datasheet HTML 5Page - NXP Semiconductors BAL99 Datasheet HTML 6Page - NXP Semiconductors BAL99 Datasheet HTML 7Page - NXP Semiconductors BAL99 Datasheet HTML 8Page - NXP Semiconductors BAL99 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 May 26
2
Philips Semiconductors
Product specification
High-speed diode
BAL99
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 70 V
• Repetitive peak reverse voltage:
max. 70 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAL99 is a high-speed switching
diode fabricated in planar technology,
and encapsulated in the small SOT23
plastic SMD package.
PINNING
PIN
DESCRIPTION
1
not connected
2
cathode
3
anode
Fig.1 Simplified outline (SOT23) and symbol.
Marking code: JFp = made in Hong Kong; JFt = made in Malaysia.
handbook, halfpage
21
3
MAM231
1
n.c.
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
70
V
VR
continuous reverse voltage
70
V
IF
continuous forward current
see Fig.2; note 1
215
mA
IFRM
repetitive peak forward current
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
4A
t=1ms
1A
t=1s
0.5
A
Ptot
total power dissipation
Tamb =25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diode Semiconductor Kor...
BAL99 DSK-BAL99 Datasheet
225Kb / 3P
   Surface mount switching diode
logo
Weitron Technology
BAL99 WEITRON-BAL99 Datasheet
344Kb / 3P
   Surface Mount Switching Diode
logo
Infineon Technologies A...
BAL99 INFINEON-BAL99 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
   Surface Mount Switching Diode
Rev. 1, 01-Apr-99
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com