Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2718BD2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part No. 2718BD2
Description  ISDN MAGNETICS UPO Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2718BD2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2718BD2 Datasheet HTML 1Page - Bel Fuse Inc. 2718BD2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00208
T2-19
UPO Interface Transformers
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
Primary
Secondary
10
CT
7
9
6
5
1
Operates as a pulse transformer at 384 Kbps in ISDN U
interface applications
Qualified per Bellcore TR-TSY-000357-1
r
e
b
m
u
N
t
r
a
P
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
f
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
2
D
B
8
1
7
2s
n
e
m
e
i
S5
9
0
2
B
E
P
2
G
B
8
1
7
2s
n
e
m
e
i
S6
9
0
2
B
E
P
Primary winding can withstand 70mA of direct current
Minimum interwinding breakdown voltage of 1500 Vrms
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
1
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
2
x
a
m
F
p
i
r
P
c
e
S
s
l
a
n
i
m
r
e
t
h
t
i
W
d
e
t
c
e
n
n
o
c
9
&
7
2
D
B
8
1
7
25
2
.
1
:
T
C
15
.
25
16
.
34
.
30
6
2
G
B
8
1
7
22
:
T
C
11
.
25
.
1
17
.
21
.
60
6
1
c
a
V
1
.
0
,
z
H
k
1
t
a
d
e
r
u
s
a
e
M
2
c
a
V
1
0
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
M


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn