Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308A-2HPGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT2308A-2HPGI
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308A-2HPGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT2308A-2HPGI Datasheet HTML 2Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 3Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 4Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 5Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 6Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 7Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 8Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 9Page - Integrated Device Technology IDT2308A-2HPGI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308A
3.3V ZERO DELAY CLOCK MULTIPLIER
SWITCHING CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
OutputFrequency
30pF Load, all devices
10
100
MHz
t1
OutputFrequency
20pF Load, -1H, -2H Devices
10
133.3
MHz
t1
OutputFrequency
15pF Load, -1, -2, -3, -4 devices
10
133.3
MHz
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
(-1, -2, -3, -4, -1H, -2H)
30pFLoad
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 50MHz
45
50
55
%
(-1, -2, -3, -4, -1H, -2H)
15pFLoad
t3
Rise Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 30pF Load
⎯⎯
2.2
ns
t3
Rise Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 15pF Load
⎯⎯
1.5
ns
t3
Rise Time (-1H, -2H)
Measured between 0.8V and 2V, 30pF Load
⎯⎯
1.5
ns
t4
Fall Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 30pF Load
⎯⎯
2.2
ns
t4
Fall Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 15pF Load
⎯⎯
1.5
ns
t4
Fall Time (-1H)
Measured between 0.8V and 2V, 30pF Load
⎯⎯
1.25
ns
t5
Output to Output Skew on same Bank
Alloutputsequallyloaded
⎯⎯
200
ps
(-1, -2, -3, -4)
Output to Output Skew (-1H, -2H)
Alloutputsequallyloaded
⎯⎯
200
ps
Output Bank A to Output Bank B (-1, -4, -2H)
Alloutputsequallyloaded
⎯⎯
200
ps
Output Bank A to Output Bank B Skew (-2, -3)
Alloutputsequallyloaded
⎯⎯
400
ps
t6
Delay, REF Rising Edge to FBK Rising Edge
MeasuredatVDD/2
0±250
ps
t7
Device to Device Skew
Measured at VDD/2 on the FBK pins of devices
0
700
ps
t8
OutputSlewRate
Measured between 0.8V and 2V on -1H, -2H
1
⎯⎯
V/ns
device using Test Circuit 2
tJ
Cycle to Cycle Jitter
Measured at 66.67 MHz, loaded outputs, 15pF Load
⎯⎯
200
(-1, -1H, -4)
Measuredat66.67MHz,loadedoutputs,30pFLoad
⎯⎯
200
ps
Measuredat133.3MHz,loadedoutputs,15pFLoad
⎯⎯
100
tJ
Cycle to Cycle Jitter
Measured at 66.67 MHz, loaded outputs, 30pF Load
⎯⎯
400
ps
(-2, -2H, -3)
Measuredat66.67MHz,loadedoutputs,15pFLoad
⎯⎯
400
tLOCK
PLL Lock Time
Stable Power Supply, valid clocks presented
⎯⎯
1ms
on REF and FBK pins


Similar Part No. - IDT2308A-2HPGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2308A-2HDCG RENESAS-IDT2308A-2HDCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-2HDCGI RENESAS-IDT2308A-2HDCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - IDT2308A-2HPGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com