Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7496SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7496SA
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496SA Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7496SA Datasheet HTML 1Page - STMicroelectronics TDA7496SA Datasheet HTML 2Page - STMicroelectronics TDA7496SA Datasheet HTML 3Page - STMicroelectronics TDA7496SA Datasheet HTML 4Page - STMicroelectronics TDA7496SA Datasheet HTML 5Page - STMicroelectronics TDA7496SA Datasheet HTML 6Page - STMicroelectronics TDA7496SA Datasheet HTML 7Page - STMicroelectronics TDA7496SA Datasheet HTML 8Page - STMicroelectronics TDA7496SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TDA7496SA
2/13
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 70°C)
16
W
Tamb
Ambient Operating Temperature (1)
0 to 70
°C
Tstg,TJ
Storage and Junction Temperature
-40 to 150
°C
V3
Volume Control DC Voltage
7
V
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance junction-case
Typ. = 4.5; Max. = 5
°C/W
Rth j-amb
Thermal Resistance junction-ambient Max.
48
°C/W
ELECTRICAL CHARACTERISTCS
(Refer to the test circuit RL = 8Ω, f = 1KHz, Rg = 50Ω, VS = 22V, Tamb = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage Range
10
32
V
Iq
Total Quiescent Current
25
50
mA
DCVos
Output DC Offset Referred to SVR
Potential
No Input Signal
200
mV
VO
Quiescent Output Voltage
11
V
PO
Output Power
THD = 10%; RL = 8Ω;
THD = 1%; RL = 8Ω;
55.5
4
W
THD = 10%; RL = 4Ω; VS = 12V
THD = 1%; RL = 4Ω; VS = 12V
2.1
1.0
W
THD
Total Harmonic Distortion
Gv = 30dB; PO = 1W; f = 1KHz
0.4
%
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D03AU1505


Similar Part No. - TDA7496SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
More results

Similar Description - TDA7496SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com