Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S7AH-10J Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part No. S7AH-10J
Description  NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-10J Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7AH-10J Datasheet HTML 1Page - Bel Fuse Inc. S7AH-10J Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003 Bel Fuse Inc. Specifications subject to change without notice. 032403
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel 201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.5V Input / 1.0 – 1.5V Output / 10A
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
Max deviation
Recovery to within ± 1%
160mV
60uS
di/dt = 0.5A/uS, Vin =3.3VDC
Ta = 25
°C, 50-100% load
change with 220uF tantalum
external capacitance.
General Specifications
Parameter
Specification
Switching Frequency
300kHz typical (fixed)
Dimensions
inches
mm
0.7 x 0.65 x 0.32
17.78 x 16.51 x 8.13
Weight
5 g
Operating Temperature
-40
°C to 85°C
(see derating curve)
Non-Operating Temperature
-40
°C to 125°C
Protection Features
Short circuit
Over current
Continuous
130% to 250% max Io
Remote On/Off
Active High
Pin Connections
Pin
Function
1
On/Off
2
Vin
3
Ground
4
Vout
5
Trim
6
(S7AH only) NC
7
(S7AH only) NC
S7AH-10Jxxx
V7AH-10Jxxx
be l
be l
be l
be l


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn