Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WP04P6X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7WP04P6X
Description  TinyLogic ULP Dual Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP04P6X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7WP04P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WP04P6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7WP04P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00 Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
NC7WP00 ONSEMI-NC7WP00 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00K8X FAIRCHILD-NC7WP00K8X Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00K8X ONSEMI-NC7WP00K8X Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
More results

Similar Description - NC7WP04P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WP14 ONSEMI-NC7WP14 Datasheet
289Kb / 11P
   TinyLogic ULP Dual Inverter
Revised March 2004
logo
Fairchild Semiconductor
NC7WV04 FAIRCHILD-NC7WV04 Datasheet
181Kb / 9P
   TinyLogic ULP-A Dual Inverter
logo
ON Semiconductor
NC7WV14 ONSEMI-NC7WV14 Datasheet
354Kb / 14P
   TinyLogic ULP-A Dual Inverter
June 2008 Rev. 1.0.0
NC7WV04 ONSEMI-NC7WV04 Datasheet
289Kb / 11P
   TinyLogic ULP-A Dual Inverter
Revised March 2004
NC7WV04 ONSEMI-NC7WV04_V01 Datasheet
344Kb / 10P
   TinyLogic ULP-A Dual Inverter
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05 Datasheet
383Kb / 11P
   TinyLogic ULP Inverter
Revised March 2004
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter
NC7SPU04 FAIRCHILD-NC7SPU04_04 Datasheet
295Kb / 9P
   TinyLogic ULP Unbuffered Inverter
logo
ON Semiconductor
NC7SV04 ONSEMI-NC7SV04 Datasheet
590Kb / 13P
   TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com