Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308A-1PG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT2308A-1PG
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308A-1PG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT2308A-1PG Datasheet HTML 1Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 2Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 3Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 4Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 5Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 6Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 7Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 8Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308A
3.3V ZERO DELAY CLOCK MULTIPLIER
JULY 2004
2004
Integrated Device Technology, Inc.
DSC 6587/8
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution for Applications ranging
from 10MHz to 133MHz operating frequency
• Distributes one clock input to two banks of four outputs
• Separate output enable for each output bank
• External feedback (FBK) pin is used to synchronize the outputs
to the clock input
• Output Skew <200 ps
• Low jitter <200 ps cycle-to-cycle
• 1x, 2x, 4x output options (see table):
– IDT2308A-1 1x
– IDT2308A-2 1x, 2x
– IDT2308A-3 2x, 4x
– IDT2308A-4 2x
– IDT2308A-1H and -2H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Available in SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT2308A is a high-speed phase-lock loop (PLL) clock multiplier. It is
designedtoaddresshigh-speedclockdistributionandmultiplicationapplica-
tions.Thezerodelayisachievedbyaligningthephasebetweentheincoming
clock and the output clock, operable within the range of 10 to 133MHz.
TheIDT2308Ahastwobanksoffouroutputseachthatarecontrolledviatwo
selectaddresses.Byproperselectionofinputaddresses,bothbankscanbe
put in tri-state mode. In test mode, the PLL is turned off, and the input clock
directly drives the outputs for system testing purposes. In the absence of an
input clock, the IDT2308A enters power down. In this mode, the device will
drawlessthan12µAforCommercialTemperaturerangeandlessthan25µA
forIndustrialtemperaturerange,andtheoutputsaretri-stated.
The IDT2308A is available in six unique configurations for both pre-
scaling and multiplication of the Input REF Clock. (See available options
table.)
ThePLLisclosedexternallytoprovidemoreflexibilitybyallowingtheuser
tocontrolthedelaybetweentheinputclockandtheoutputs.
TheIDT2308AischaracterizedforbothIndustrialandCommercialopera-
tion.
IDT2308A
3.3V ZERO DELAY CLOCK
MULTIPLIER
PLL
S1
2
14
15
3
CLKA1
CLKA2
CLKA3
CLKA4
6
10
11
CLKB1
CLKB2
CLKB3
CLKB4
9
FBK
16
Control
Logic
7
8
1
REF
S2
(-2, -3)
(-3, -4)
2
2


Similar Part No. - IDT2308A-1PG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2308A-1DCG RENESAS-IDT2308A-1DCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1DCGI RENESAS-IDT2308A-1DCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HDCG RENESAS-IDT2308A-1HDCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HDCGI RENESAS-IDT2308A-1HDCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HPG RENESAS-IDT2308A-1HPG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - IDT2308A-1PG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com