Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDA49CB15D13L Datasheet(PDF) 9 Page - Chicago Miniature Lamp,inc

Part # CMDA49CB15D13L
Description  Power LED (2.5 Watt) Technical Datasheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA49CB15D13L Datasheet(HTML) 9 Page - Chicago Miniature Lamp,inc

  CMDA49CB15D13L Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 1 page
background image
Forward Current Characteristics
1. Forward Voltage vs. Forward Current, TA=25℃
80 0
70 0
60 0
P u re W h ite , W a rm W h ite , B lu e
G ree n
C ya n
50 0
40 0
30 0
20 0
10 0
0
0.0
0 .5
1.0
1 .5
2.0
2 .5
3 .0
3 .5
4 .0
Fo rw ard V oltage [V ]
80 0
70 0
Re d
Am b e r
60 0
50 0
40 0
30 0
20 0
10 0
0
0 .0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
F orw ard V oltage [V ]
7
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
9


Similar Part No. - CMDA49CB15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42AG15D13L CML-CMDA42AG15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42AR15D13L CML-CMDA42AR15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42CB15D13L CML-CMDA42CB15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42CW15D13L CML-CMDA42CW15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
More results

Similar Description - CMDA49CB15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA43 CML-CMDA43 Datasheet
579Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA48 CML-CMDA48 Datasheet
300Kb / 1P
   Power LED (2.5 Watt)
CMDA36 CML-CMDA36 Datasheet
475Kb / 1P
   Power LED (2.5 Watt)
CMDA37 CML-CMDA37 Datasheet
588Kb / 1P
   Power LED (2.5 Watt) on Star PCB
logo
Texas Instruments
SN76002ND TI-SN76002ND Datasheet
332Kb / 5P
[Old version datasheet]   2.5-WATT POWER AMPLIFIER
logo
Seoul Semiconductor
F10390 SEOUL-F10390 Datasheet
432Kb / 21P
   Power LED TECHNICAL DATA
logo
List of Unclassifed Man...
CRM200 ETC2-CRM200 Datasheet
2Mb / 36P
   Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com