Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDA43 Datasheet(PDF) 5 Page - Chicago Miniature Lamp,inc

Part # CMDA43
Description  Power LED (1watt) Technical Datasheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA43 Datasheet(HTML) 5 Page - Chicago Miniature Lamp,inc

  CMDA43 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
5. Electro-Optical Characteristics (at IF=350mA, TA=25ºC)
P/N
Description
Luminous
Flux
Min./Typ.
(lm)
Correlated
Color
Temperature
(Kelvin)
CRI
Dominant
Wavelength (nm)
Min./Typ./Max.
Forward Voltage
(volts)
Min./Typ./Max.
View Angle
(degrees)
Thermal
resistance
(ºC /W)
Symbol
ФV [1]
CCT [3]
Ra
λD
V
2Θ 1/2
Rθ [4]
CMDA44CW15D13L
Pure White
32 / 52
6500
76
3.0 / 3.4 / 4.3
120
16
CMDA44WW15D13L Warm White
24 / 35
3000
76
3.0 / 3.4 / 4.3
120
16
CMDA44CB15D13L
Blue
6 / 11
455 / 460 / 475
3.0 / 3.4 / 4.3
130
16
CMDA44AG15D13L
Green
24 / 48
520 / 527 / 535
3.0 / 3.4 / 4.3
130
16
CMDA44AR15D13L
Red
24 / 30
620 / 625 / 630
2.0 / 2.5 / 3.0
128
19
CMDA44GB15D13L
Cyan
24 / 40
500 / 505 / 510
3.0 / 3.4 / 4.3
130
16
CMDA44DY15D13L
Amber
24 / 38
585 / 590 / 595
2.0 / 2.5 / 3.0
128
19
6. Absolute Maximum Ratings (at TA=25ºC)
P/N
Description
Forward
Current (A)
Power
Dissipation
(Watts)
Junction
Temperat
ure (ºC)
Operating
Temperature (ºC)
Storage
Temperature (ºC)
Symbol
IF
PD
Tj
Topr
Tstg
CMDA44CW15D13L
Pure White
0.4
1.6
125
-30~+85
-40~+120
CMDA44WW15D13L Warm White
0.4
1.6
125
-30~+85
-40~+120
CMDA44CB15D13L
Blue
0.4
1.6
125
-30~+85
-40~+120
CMDA44AG15D13L
Green
0.4
1.6
125
-30~+85
-40~+120
CMDA44AR15D13L
Red
0.4
1.2
100
-30~+85
-40~+120
CMDA44GB15D13L
Cyan
0.4
1.6
125
-30~+85
-40~+120
CMDA44DY15D13L
Amber
0.4
1.2
100
-30~+85
-40~+120
*Notes:
[1] ФV is the total luminous flux output as measured with an integrating sphere.
[2] Zener diode chip included to protect the LED from ESD.
[3] Rθ is measured with a metal core PCB (25 ºC ≤TJ ≤ 125 ºC).
[4] CML maintains a tolerance of ± 10% on flux and power measurements.
[5] CCT ± 5% tester tolerance.
[6] Color Coordinate Measurement allowance is ± 0.005
[7] A tolerance of ± 0.006V on forward voltage measurements
--------------------------Caution--------------------------
Please do not drive at rated current more than 5 sec. without proper heat sink
CMDA44xx15D13L Square PCB series
5


Similar Part No. - CMDA43

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42AG15D13L CML-CMDA42AG15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42AR15D13L CML-CMDA42AR15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42CB15D13L CML-CMDA42CB15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42CW15D13L CML-CMDA42CW15D13L Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
More results

Similar Description - CMDA43

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA49XX15D13L CML-CMDA49XX15D13L Datasheet
416Kb / 1P
   Power LED (2.5 Watt) Technical Datasheet
logo
Melexis Microelectronic...
DEMO90121LR MELEXIS-DEMO90121LR Datasheet
1Mb / 19P
   Output power of 1Watt
logo
Seoul Semiconductor
F10390 SEOUL-F10390 Datasheet
432Kb / 21P
   Power LED TECHNICAL DATA
logo
List of Unclassifed Man...
CRM200 ETC2-CRM200 Datasheet
2Mb / 36P
   Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Everlight Electronics C...
30-01-R5C-AQSC EVERLIGHT-30-01-R5C-AQSC Datasheet
111Kb / 6P
   Technical Data Sheet POWER LED
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
Frontier Electronics.
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ_16 Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com