Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4255-15AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4255-15AC
Description  8K/16K x 18 Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255-15AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4255-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4255-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
8K/16K x 18 Deep Sync FIFOs
CY7C4255
CY7C4265
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06004 Rev. *B
Revised August 11, 2004
Features
• High-speed, low-power, first-in first-out (FIFO)
memories
• 8K x 18 (CY7C4255)
• 16K x 18 (CY7C4265)
• 0.5 micron CMOS for optimum speed/power
• High-speed 100-MHz operation (10-ns read/write cycle
times)
• Low power — ICC = 45 mA
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, Half Full, and programmable Almost Empty
and Almost Full status flags
• TTL compatible
• Retransmit function
• Output Enable (OE) pins
• Independent read and write enable pins
• Center power and ground pins for reduced noise
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability
• 64-pin TQFP and 64-pin STQFP
• Pin-compatible density upgrade to CY7C42X5 family
• Pin-compatible density upgrade to
IDT72205/15/25/35/45
Functional Description
The CY7C4255/65 are high-speed, low-power, first-in first-out
(FIFO) memories with clocked read and write interfaces. All
are 18 bits wide and are pin/functionally compatible to the
CY7C42X5 Synchronous FIFO family. The CY7C4255/65 can
be cascaded to increase FIFO depth. Programmable features
include Almost Full/Almost Empty flags. These FIFOs provide
solutions for a wide variety of data buffering needs, including
high-speed data acquisition, multiprocessor interfaces, and commu-
nications buffering.
These FIFOs have 18-bit input and output ports that are con-
trolled by separate clock and enable signals. The input port is
controlled by a Free-Running Clock (WCLK) and a Write En-
able pin (WEN).
When WEN is asserted, data is written into the FIFO on the rising
edge of the WCLK signal. While WEN is held active, data is continu-
ally written into the FIFO on each cycle. The output port is controlled
in a similar manner by a free-running Read Clock (RCLK) and a Read
Enable pin (REN). In addition, the CY7C4255/65 have an Output
Enable pin (OE). The read and write clocks may be tied together for
single-clock operation or the two clocks may be run independently for
asynchronous read/write applications. Clock frequencies up to 100
MHz are achievable.
Retransmit and Synchronous Almost Full/Almost Empty flag
features are available on these devices.
Depth expansion is possible using the Cascade Input (WXI,
RXI), Cascade Output (WXO, RXO), and First Load (FL) pins. The
WXO and RXO pins are connected to the WXI and RXI pins of the
next device, and the WXO and RXO pins of the last device should be
connected to the WXI and RXI pins of the first device. The FL pin of
the first device is tied to VSS and the FL pin of all the remaining devic-
es should be tied to VCC.
Q0– 17
4255–1
THREE–STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
EXPANSION
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D0– 17
REN
RCLK
FF
EF
PAE
WEN
WCLK
RS
FL/RT
WXI
OE
RAM
ARRAY
8K x 18
16K x 18
PAF
WXO/HF
RXI
RXO
SMODE
Logic Block Diagram


Similar Part No. - CY7C4255-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255-15AC CYPRESS-CY7C4255-15AC Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255-15AC CYPRESS-CY7C4255-15AC Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results

Similar Description - CY7C4255-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com