Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1986BSTZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD1986BSTZ-REEL
Description  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1986BSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 10Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 11Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 12Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 13Page - Analog Devices AD1986BSTZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD1986
Rev. 0 | Page 10 of 52
tCLK_LOW
tCLK_HIGH
tCLK_PERIOD
tSYNC_LOW
tSYNC_PERIOD
tSYNC_HIGH
BIT_CLK
SYNC
Figure 5. Bit Clock and Sync Timing
Table 17.
Parameter
Min
Typ
Max
Units
Symbol
tSYNC_HIGH
BITCLK High Pulse Width
40.5
41.7
nS
tCLK_LOW
BITCLK Low Pulse Width
39.7
40.6
nS
tCLK_PERIOD
BITCLK Period
81.4
nS
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
±1.0
ppm
BIT_CLK Jitter1, 2
750
ps
tSYNC_HIGH
Sync Active (High) Pulse Width
1.3
µS
tSYNC_LOW
Sync Inactive (Low) Pulse Width
19.5
µS
tSYNC_PERIOD
Sync Period
20.8
µS
Sync Frequency
48.0
kHz
1
by design, but not production tested.
r directly dependent on input clock jitter.
Guaranteed
2 Output jitte
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
BIT_CLK NOT TO SCALE
SLOT 1
SLOT 2
WRITE TO
03 26
DATA
PR4
tS2_PDOWN
Figure 6. Link Low Power Mode Timing
18.
Parameter
Min
Table
Symbol
Typ
Max
Units
tS2_PDOWN
End
ATA_IN Low
of Slot 2 to BIT_CLK, SD
0
1.0
µS


Similar Part No. - AD1986BSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1986BSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com