Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDA31GB15D13L Datasheet(PDF) 7 Page - Chicago Miniature Lamp,inc

Part # CMDA31GB15D13L
Description  Power LED (1 Watt) on Star PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA31GB15D13L Datasheet(HTML) 7 Page - Chicago Miniature Lamp,inc

  CMDA31GB15D13L Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
9. White Color spectrum of Typical CCT (Ta=25℃)
1.0
0.8
0.6
0.4
0.2
0.0
300
400
500
600
700
800
Wavelength (nm)
10. Wavelength Curve for Red, Green, Blue
1.0
0.8
0.6
0.4
0.2
0.0
300
400
500
600
700
Wavelength (nm)
.
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 7 -


Similar Part No. - CMDA31GB15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA31GB15D13L CML-CMDA31GB15D13L Datasheet
383Kb / 14P
   Power LED (1 Watt) on Square PCB
More results

Similar Description - CMDA31GB15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA52XX15D13L CML-CMDA52XX15D13L Datasheet
426Kb / 1P
   Power LED (5 Watt) on Star PCB
CMDA37 CML-CMDA37 Datasheet
588Kb / 1P
   Power LED (2.5 Watt) on Star PCB
logo
List of Unclassifed Man...
CMDA31RGB15D13L ETC2-CMDA31RGB15D13L Datasheet
489Kb / 17P
   Power LED on Star PCB 1 Watt - Full Color Emitter (Red, Green, Blue)
logo
Chicago Miniature Lamp,...
CMDA32 CML-CMDA32 Datasheet
383Kb / 14P
   Power LED (1 Watt) on Square PCB
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
   Optimal I Star Series 1-watt LED on MCPCB
logo
Vishay Siliconix
VLMK71ABAD-GS08 VISHAY-VLMK71ABAD-GS08 Datasheet
188Kb / 9P
   Little Star® 1 Watt Power SMD LED
Rev. 1.3, 05-Mar-08
VLMW711ADAF-GS08 VISHAY-VLMW711ADAF-GS08 Datasheet
191Kb / 9P
   Little Star® 1 Watt Power SMD LED White
Rev. 1.5, 20-Mar-08
VLMW71ACAE-GS08 VISHAY-VLMW71ACAE-GS08 Datasheet
191Kb / 9P
   Little Star® 1 Watt Power SMD LED Warm White
Rev. 1.5, 26-Mar-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
logo
Chicago Miniature Lamp,...
CMDA30 CML-CMDA30 Datasheet
526Kb / 1P
   Power LED (1 Watt)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com