Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDA30AG15D13L Datasheet(PDF) 4 Page - Chicago Miniature Lamp,inc

Part # CMDA30AG15D13L
Description  Power LED (1 Watt)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA30AG15D13L Datasheet(HTML) 4 Page - Chicago Miniature Lamp,inc

  CMDA30AG15D13L Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
4. Forward Voltage vs. Forward Current (Ta=25℃)
3.8
3.6
3.4
3.2
RED
GREEN
BLUE
3.0
2.8
2.6
2.4
2.2
2.0
1.8
0
100
200
300
400
500
Forward Current (mA)
5. Forward Current vs. Normalized Relative Luminous Flux (Ta=25℃)
1.4
1.2
1.0
0.8
RED
GREEN
BLUE
0.6
0.4
0.2
0.0
0
100
200
300
400
500
600
Forward Current (mA)
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 4 -


Similar Part No. - CMDA30AG15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA31 CML-CMDA31 Datasheet
383Kb / 1P
   Power LED (1 Watt) on Star PCB
CMDA31AG15D13L CML-CMDA31AG15D13L Datasheet
383Kb / 1P
   Power LED (1 Watt) on Star PCB
CMDA31AG15D13L CML-CMDA31AG15D13L Datasheet
383Kb / 14P
   Power LED (1 Watt) on Square PCB
CMDA31AR15D13L CML-CMDA31AR15D13L Datasheet
383Kb / 1P
   Power LED (1 Watt) on Star PCB
CMDA31AR15D13L CML-CMDA31AR15D13L Datasheet
383Kb / 14P
   Power LED (1 Watt) on Square PCB
More results

Similar Description - CMDA30AG15D13L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA31 CML-CMDA31 Datasheet
383Kb / 1P
   Power LED (1 Watt) on Star PCB
CMDA32 CML-CMDA32 Datasheet
383Kb / 14P
   Power LED (1 Watt) on Square PCB
logo
LUMEX INC.
SSL-LX100T123UPGC LUMEX-SSL-LX100T123UPGC Datasheet
54Kb / 1P
   10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED
SSL-LX100T123SIC LUMEX-SSL-LX100T123SIC Datasheet
52Kb / 1P
   10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED
logo
Vishay Siliconix
VLMK71ABAD-GS08 VISHAY-VLMK71ABAD-GS08 Datasheet
188Kb / 9P
   Little Star® 1 Watt Power SMD LED
Rev. 1.3, 05-Mar-08
logo
LUMEX INC.
SSL-LX100T123SYC LUMEX-SSL-LX100T123SYC Datasheet
52Kb / 1P
   10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED
logo
Vishay Siliconix
VLMW711ADAF-GS08 VISHAY-VLMW711ADAF-GS08 Datasheet
191Kb / 9P
   Little Star® 1 Watt Power SMD LED White
Rev. 1.5, 20-Mar-08
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Chicago Miniature Lamp,...
CMDA48 CML-CMDA48 Datasheet
300Kb / 1P
   Power LED (2.5 Watt)
logo
OPTEK Technologies
OVSPBCCR8 OPTEK-OVSPBCCR8 Datasheet
599Kb / 4P
   1-Watt SMD Blue LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com