Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMD50640 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part No. CMD50640
Description  T-100 (T-1) Diffused Lens LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CML [Chicago Miniature Lamp,inc]
Homepage  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMD50640 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMD50640 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-100 (T-1) Diffused Lens LED Lamps
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A TINGS
585
585
585
660
3.0
3.0
3.0
2.0
2.1
2.1
2.1
1.6
70
70
70
60
4.5
3.0
2.0
1.5
2.5
1.5
1.0
0.5
Y ellow
Y ellow
Y ellow
Red
(V )
Max.
(V )
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees )
Angle
Viewing
(nm)
Wavelength
Peak
Forward V oltage
Luminous Intens ity
Emitted
Color
Part Number
CMD50640
C MD53640
C MD53641
CMD53642
Color
Lens
Red
Yellow
Yellow
Yellow
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Package
Type
635
635
565
565
3.0
3.0
3.0
3.0
2.0
2.0
2.2
2.2
60
60
75
75
2.5
2.0
10.0
5.0
2.0
1.0
6.0
2.0
H.E .R ed
H.E .R ed
H.E .G reen
H.E .G reen
C MD54643
C MD54644
C MD57640
C MD57641
Green
Green
Red
Red
Diffus ed
Diffus ed
Diffus ed
Diffus ed
635
3.0
2.0
60
4.0
3.0
H.E .R ed
C MD57642
Red
Diffus ed
A B SOL UTE M A X IMUM R A TINGS
Power Dissipation................................................................................120.......................120.. .......... mW
Operating/Storage Temperature........................................................- 55 to +100..........
- 55 to +100.........°C
cycle)......................................100....................... 90..............mA
Reverse Voltage (IR=100
µA).................................................................5.0........................5.0................V
Forward Current...................................................................................30.........................30. .............mA
Lead Solder Time at 260°C.....................................................................5...........................5........ seconds
Std. Red
All Others
Units
CAT HODE
2.54
±0.25
SQ. T Y P .
0.46
±0.08
2.92
±0.25
RE F .
1.02
RE F .
1.27
MIN.
25.4
5.72
±0.64
4.45
±0.25
3.18
±0.25
All dimensions in mm.
These solid state indicators offer a variety of colors, wide
view angles and small square leads, all contributing to their
versatility as good all purpose indicator lamps. The High
Efficiency Red and Yellow devices utilize GaAsP/GaP
technology while the High Efficiency Green devices use an
improved GaP technology. These lamps are good replacements
for the Hewlett Packard HLMP-1300/1500 series.
Peak Forward Current (1
µs @ 0.3% duty
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn