Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4941-1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4941-1
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4941-1 Datasheet HTML 7Page - Analog Devices ADA4941-1 Datasheet HTML 8Page - Analog Devices ADA4941-1 Datasheet HTML 9Page - Analog Devices ADA4941-1 Datasheet HTML 10Page - Analog Devices ADA4941-1 Datasheet HTML 11Page - Analog Devices ADA4941-1 Datasheet HTML 12Page - Analog Devices ADA4941-1 Datasheet HTML 13Page - Analog Devices ADA4941-1 Datasheet HTML 14Page - Analog Devices ADA4941-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 11 of 24
1000
0
SUPPLY (V)
4.50
5.50
750
500
250
fS = 100kSPS
VDD
VIO
4.75
5.00
5.25
Figure 22. Offset and Gain Error vs. Temperature
Figure 19. Operating Currents vs. Supply
SDO CAPACITIVE LOAD (pF)
120
0
20406080
100
25
20
15
10
5
0
VDD = 5V, 85°C
VDD = 5V, 25°C
TEMPERATURE (
°C)
1000
750
500
250
0
–55
–35
–15
5
25
45
65
85
105
125
VDD + VIO
Figure 20. Power-Down Currents vs. Temperature
Figure 23. tDSDO Delay vs. Capacitance Load and Supply
1000
–6
SUPPLY (V)
–55
125
750
500
250
fS = 100kSPS
VDD
VIO
–35
–15
5
25456585
105
Figure 21. Operating Currents vs. Temperature


Similar Part No. - ADA4941-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4941-1 AD-ADA4941-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
ADA4941-1 AD-ADA4941-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4941-1 AD-ADA4941-1 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
ADA4941-1 AD-ADA4941-1 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
ADA4941-1YCP-EBZ AD-ADA4941-1YCP-EBZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results

Similar Description - ADA4941-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
   16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com