Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74401RGWTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWTG4
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401RGWTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS74401RGWTG4 Datasheet HTML 1Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 2Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 3Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 4Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 5Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 6Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 7Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 8Page - Texas Instruments TPS74401RGWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
At V
EN = 1.1V, VIN = VOUT + 0.3V, CIN = CBIAS = 0.1µF, COUT = 10µF, IOUT = 50mA, VBIAS = 5.0V, and TJ = –40°C to +125°C,
unless otherwise noted. Typical values are at T
J = +25°C.
TPS74401
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
VOUT + VDO
5.5
V
VBIAS
Bias pin voltage range
2.375
5.25
V
VREF
Internal reference (Adj.)
TJ = +25°C
0.796
0.8
0.804
V
Output voltage range
VIN = 5V, IOUT = 1.5A, VBIAS = 5V
VREF
3.6
V
VOUT
Accuracy(1)
2.97V
≤ V
BIAS ≤ 5.25V, 50mA ≤ IOUT ≤ 3.0A
–1
±0.2
+1
%
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5V, QFN
0.0005
0.05
VOUT/VIN
Line regulation
%/V
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5V, DDPAK
0.0005
0.06
0mA
≤ I
OUT ≤ 50mA
0.013
%/mA
VOUT/IOUT
Load regulation
50mA
≤ I
OUT ≤ 3.0A
0.03
%/A
IOUT = 3.0A, VBIAS – VOUT (NOM) ≥ 1.62V, QFN
115
195
VIN dropout voltage(2)
mV
IOUT = 3.0A, VBIAS – VOUT (NOM) ≥ 1.62V,
VDO
120
240
DDPAK
VBIAS dropout voltage(2)
IOUT = 3.0A, VIN = VBIAS
1.62
V
VOUT = 80% × VOUT (NOM), QFN
3.8
6.0
ICL
Current limit
A
VOUT = 80% × VOUT (NOM), DDPAK
3.5
6.0
IBIAS
Bias pin current
IOUT = 0mA to 3.0A
2
4
mA
Shutdown supply current
ISHDN
VEN ≤ 0.4V
1
100
µA
(VIN)
IFB
Feedback pin current(3)
IOUT = 50mA to 3.0A
–250
95
250
nA
1kHz, IOUT = 1.5A, VIN = 1.8V, VOUT = 1.5V
73
Power-supply rejection
dB
800kHz, IOUT = 1.5A, VIN = 1.8V,
(VIN to VOUT)
42
VOUT = 1.5V
PSRR
1kHz, IOUT = 1.5A, VIN = 1.8V, VOUT = 1.5V
62
Power-supply rejection
dB
800kHz, IOUT = 1.5A, VIN = 1.8V,
(VBIAS to VOUT)
50
VOUT = 1.5V
100Hz to 100kHz, IOUT = 1.5A,
Noise
Output noise voltage
16
× V
OUT
µV
RMS
CSS = 0.001µF
%VOUT droop during load
VTRAN
IOUT = 100mA to 3.0A at 1A/µs, COUT = 0µF
4
%VOUT
transient
tSTR
Minimum startup time
IOUT = 1.5A, CSS = open
100
µs
ISS
Soft-start charging current
VSS = 0.4V
0.5
0.73
1
µA
VEN, HI
Enable input high level
1.1
5.5
V
VEN, LO
Enable input low level
0
0.4
V
VEN, HYS
Enable pin hysteresis
50
mV
VEN, DG
Enable pin deglitch time
20
µs
IEN
Enable pin current
VEN = 5V
0.1
1
µA
VIT
PG trip threshold
VOUT decreasing
86.5
90
93.5
%VOUT
VHYS
PG trip hysteresis
3
%VOUT
VPG, LO
PG output low voltage
IPG = 1mA (sinking), VOUT < VIT
0.3
V
IPG, LKG
PG leakage current
VPG = 5.25V, VOUT > VIT
0.03
1
µA
Operating junction
TJ
–40
+125
°C
temperature
Shutdown, temperature increasing
+155
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
+140
(1)
Adjustable devices tested at 0.8V; external resistor tolerance is not taken into account.
(2)
Dropout is defined as the voltage from the input to VOUT when VOUT is 2% below nominal.
(3)
IFB current flow is out of the device.
3
Submit Documentation Feedback


Similar Part No. - TPS74401RGWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWTG4 TI-TPS74401RGWTG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWTG4 TI1-TPS74401RGWTG4 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWTG4

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com