Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74401KTWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401KTWR
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401KTWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74401KTWR Datasheet HTML 7Page - Texas Instruments TPS74401KTWR Datasheet HTML 8Page - Texas Instruments TPS74401KTWR Datasheet HTML 9Page - Texas Instruments TPS74401KTWR Datasheet HTML 10Page - Texas Instruments TPS74401KTWR Datasheet HTML 11Page - Texas Instruments TPS74401KTWR Datasheet HTML 12Page - Texas Instruments TPS74401KTWR Datasheet HTML 13Page - Texas Instruments TPS74401KTWR Datasheet HTML 14Page - Texas Instruments TPS74401KTWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
DROPOUT VOLTAGE
Reference
SimplifiedBlock Diagram
BIAS
FB
IN
V
IN
V
=3.3V
5%
BIAS
±
V
=3.3V
5%
V
=1.5V
I
=1.5A
Efficiency=45%
IN
OUT
OUT
±
V
OUT
OUT
PROGRAMMABLE SOFT-START
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
=5V
5%
BIAS
±
V
=1.8V
V
=1.5V
I
=1.5A
Efficiency=83%
IN
OUT
OUT
t
SS
+
V
REF
C
SS
I
SS
(1)
t
SSCL
+
V
OUT(NOM)
C
OUT
I
CL(MIN)
(2)
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
The
TPS74401
offers
industry-leading
dropout
performance, making it well-suited for high-current
low VIN/low VOUT applications. The extremely low
dropout of the TPS74401 allows the device to be
used in place of a DC/DC converter and still achieve
good efficiencies. This efficiency allows users to
rethink the power architecture for their applications to
achieve the smallest, simplest, and lowest cost
solution.
There are two different specifications for dropout
voltage with the TPS74401. The first specification
(see Figure 28) is referred to as VIN Dropout and is
for users that wish to apply an external bias voltage
to achieve low dropout. This specification assumes
Figure 29. Typical Application of the TPS74401
that VBIAS is at least 1.62V above VOUT, which is the
Without an Auxiliary Bias
case for VBIAS when powered by a 3.3V rail with 5%
tolerance and with VOUT = 1.5V. If VBIAS is higher
than 3.3V
× 0.95 or V
OUT is less than 1.5V, VIN
dropout is less than specified.
The TPS74401 features a programmable, monotonic,
voltage-controlled soft-start that is set with an
external capacitor (CSS). This feature is important for
many applications because it eliminates power-up
initialization problems when powering FPGAs, DSPs,
or other processors. The controlled voltage ramp of
the output also reduces peak inrush current during
start-up, minimizing start-up transients to the input
power bus.
To achieve a linear and monotonic soft-start, the
TPS74401 error amplifier tracks the voltage ramp of
the external soft-start capacitor until the voltage
exceeds the internal reference. The soft-start ramp
time depends on the soft-start charging current (ISS),
the soft-start capacitance (CSS), and the internal
Figure 28. Typical Application of the TPS74401
reference voltage (VREF), and can be calculated
Using an Auxiliary Bias Rail
using Equation 1:
The second specification (see Figure 29) is referred
to as VBIAS Dropout and is for users that wish to tie
IN and BIAS together. This option allows the device
If large output capacitors are used, the device
to be used in applications where an auxiliary bias
current limit (ICL) and the output capacitor may set
voltage is not available or low dropout is not
the start-up time. In this case, the start-up time is
required. Dropout is limited by BIAS in these
given by Equation 2:
applications because VBIAS provides the gate drive to
the pass FET and therefore must be 1.4V above
VOUT.
VOUT(NOM) is the nominal set output voltage as set by
the user, COUT is the output capacitance, and ICL(MIN)
is the minimum current limit for the device. In
applications where monotonic startup is required, the
soft-start time given by Equation 1 should be set to
be greater than Equation 2.
11
Submit Documentation Feedback


Similar Part No. - TPS74401KTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWR TI-TPS74401KTWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401KTWR TI1-TPS74401KTWR Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401KTWRG3 TI-TPS74401KTWRG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401KTWRG3 TI1-TPS74401KTWRG3 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401KTWR

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com