Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7862 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7862 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT7862 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7862 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPT
3
2/23/00
SPT7862
Dynamic Performance
Harmonic Distortion
9 Distortion bins from
ƒIN = 3.58 MHz
1024 pt FFT
V
–63
dB
ƒIN = 10.0 MHz
TA = +25 °C
I
–55.7
–52
dB
ƒIN = 10.0 MHz
TA = TMIN to TMAX
IV
–52
dB
Signal-to-Noise and Distortion
(SINAD)
ƒIN = 3.58 MHz
V
56.7
dB
ƒIN = 10.0 MHz
TA = +25 °C
I
49
51.8
dB
ƒIN = 10.0 MHz
TA = TMIN to TMAX
IV
46
dB
Spurious Free Dynamic Range
ƒIN = 10.0 MHz
V
56.8
58.3
60
dB
Differential Phase
V
±0.3
Degree
Differential Gain
V
±0.3
%
Channel-to-Channel Crosstalk
ƒIN = 3.58 MHz
V
74
dB
ƒIN = 10.0 MHz
V
67
dB
Inputs
Logic 1 Voltage
VI
2.1
V
Logic 0 Voltage
VI
0.8
V
Maximum Input Current Low
VI
–10
+10
µA
Maximum Input Current High
VI
–10
+10
µA
Input Capacitance
V
+5
pF
Digital Outputs
Logic 1 Voltage
IOH = 0.5 mA
VI
OVDD –0.5
V
Logic 0 Voltage
IOL = 1.6 mA
VI
0.44
V
tRISE
15 pF load
V
10
ns
tFALL
15 pF load
V
10
ns
Output Enable to Data
Output Delay
20 pF load, TA = +25 °C
V
10
ns
50 pF load over temp.
V
22
ns
Power Supply Requirements
Voltages OVDD
IV
3.0
5.0
V
DVDD
IV
5.0
V
AVDD
IV
5.0
V
Currents AIDD + DIDD
VI
52
62
mA
OIDD
VI
12
14
mA
Power Dissipation
VI
320
380
mW
Power Supply Refection Ratio
V
70
dB
TEST LEVEL CODES
All electrical characteristics are subject to the follow-
ing conditions:
All parameters having min/max specifications are
guaranteed. The Test Level column indicates the
specific device testing actually performed during
production and Quality Assurance inspection. Any
blank section in the data column indicates that the
specification is not tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = 25 °C. Parameter is guaran-
teed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒS=40 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7862
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS


Similar Part No. - SPT7862

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
SPT7862SIT CADEKA-SPT7862SIT Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
More results

Similar Description - SPT7862

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com