Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2287 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM2287
Description  T-1 3/4 Wire Terminal (standard)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM2287 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM2287 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 3/4 Wire Terminal (standard)
C-2F
C-2F
C-2F
C-2F
C-2F
C-2R
10,000
50,000
5,000
50,000
25,000
3,000
.030
.002
.080
.002
.150
.450
.022
.014
.040
.014
.085
.150
11.00
10.00
10.00
10.00
8.00
6.30
C M8946
C M2149
CM2107
C M1869
C M2178
CM8350
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M1739
C M2037
C M2039
CM2112
C M2179
C M2180
C M2181
6.30
6.30
6.30
6.30
6.30
6.30
6.30
.200
.040
.040
.200
.075
.200
.070
.400
.020
.030
.550
.230
.400
.230
20,000
20,000
20,000
5,000
1,000
20,000
1,000
C-2F
C-2V
C-2V
C-2R
C-2R
C-2R
C-2R
C-2F
C-2F
1,500
10,000
.500
.100
.080
.040
14.00
12.00
C M1705
CM2174
CC-2F
C-2F
C-2F
C-2F
CC-2F
C-2F
5,000
7,000
5,000
5,000
4,000
1,000
.200
.300
.500
.650
.150
.700
.025
.040
.050
.065
.024
.050
48.00
32.00
28.00
28.00
28.00
28.00
C M6748
C M1918
C M8461
C M8361
CM6033
CM2370
C M476
C M1749
C M1762
C M1764
C M2185
C M2187
C M2287
28.00
28.00
28.00
28.00
28.00
28.00
28.00
.040
.040
.040
.040
.040
.060
.060
.300
.300
.150
.340
.340
.340
.340
7,000
7,000
10,000
4,000
4,000
25,000
25,000
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
B ead S eal
Butt S eal
MIN.
1.00
MAX .
.520
MAX .
.230
NOM.
.760
MAX .
.520
MAX .
.230
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
10,000
40,000
40,000
10,000
2,000
5,000
1,000
.500
.300
.300
.150
.300
.500
.500
.100
.080
.080
.040
.040
.060
.050
14.00
14.00
14.00
18.00
22.00
24.00
24.00
C M2176
C M2041
C M8425
CM2102
C M2382
C M2182
CM2162
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM2287

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM22 CML-CM22 Datasheet
221Kb / 1P
   T-1 Sub-Midget Flange Base
logo
Visual Communications C...
CM22 VCC-CM22 Datasheet
54Kb / 1P
   Sub-Midget Flange Base
logo
C-Media Electronics
CM220 CMEDIA-CM220 Datasheet
429Kb / 19P
   Updateable USB2.0 Card Reader Controller
logo
Chicago Miniature Lamp,...
CM2200 CML-CM2200 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2200 VCC-CM2200 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM2287

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM8798 CML-CM8798 Datasheet
225Kb / 1P
   T-1 Wire Terminal (standard)
CM6151 CML-CM6151 Datasheet
226Kb / 1P
   T-1 Wire Terminal (standard)
logo
Marktech Corporate
MT810-R MARKTECH-MT810-R Datasheet
43Kb / 1P
   STANDARD T-1 3/4 LED LAMPS
logo
List of Unclassifed Man...
337 ETC2-337 Datasheet
335Kb / 1P
   T-1 3/4 STANDARD MIDGET GROOVE
logo
BRIGHT LED ELECTRONICS ...
BL-B2434-FA5-TRF23A BRIGHT-BL-B2434-FA5-TRF23A Datasheet
238Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
BL-B5134_V1 BRIGHT-BL-B5134_V1 Datasheet
287Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
BL-BEG274_V1 BRIGHT-BL-BEG274_V1 Datasheet
289Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
logo
Chicago Miniature Lamp,...
CMD5052 CML-CMD5052 Datasheet
65Kb / 1P
   T-1 3/4 Standard Red LED Lamps
logo
BRIGHT LED ELECTRONICS ...
BL-B2134-S BRIGHT-BL-B2134-S Datasheet
378Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
logo
Marktech Corporate
MT620-R MARKTECH-MT620-R Datasheet
29Kb / 1P
   STANDARD T-1 3/4 LOW CURRENT LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com