Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WHM2535-12AE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. WHM2535-12AE
Description  2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

WHM2535-12AE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.wantcominc.com
REV B
Small Signal S-Parameters:
!WHM2535-12AE
!s-parameters at Vds=5V, Id=30 mA, including the test board.
!Last updated 3/07/04.
# GHZ s MA R 50
!F(GHz)
MAG S11 ANG S11 MAG S21 ANG S21 MAG S12 ANG S12 MAG S22 ANG S22
0.05
0.999
-9.5
0.001
-50.6
0.0000
20.4
0.999
-9.0
0.1
0.998
-15.8
0.002
-168.9
0.0000
109.7
0.998
-15.2
0.2
0.998
-31.6
0.018
135.0
0.0002
14.4
0.996
-31.0
0.3
0.991
-48.4
0.093
112.2
0.0008
-17.6
0.989
-47.4
0.4
0.989
-66.7
0.324
89.9
0.0026
-36.1
0.974
-65.7
0.5
0.963
-87.4
0.946
61.2
0.0081
-60.5
0.923
-86.9
0.6
0.853
-113.1
2.338
20.1
0.0220
-96.0
0.768
-112.4
0.7
0.578
-135.8
4.162
-29.1
0.0420
-142.5
0.475
-126.8
0.8
0.399
-132.5
5.381
-74.7
0.0540
174.9
0.417
-115.3
0.9
0.406
-132.8
5.788
-110.2
0.0590
144.8
0.483
-125.7
1
0.403
-143.1
5.960
-138.3
0.0630
122.8
0.478
-144.6
1.1
0.378
-155.6
6.079
-162.1
0.0670
105.1
0.432
-164.2
1.2
0.337
-167.1
6.163
176.6
0.0700
89.3
0.364
176.3
1.3
0.296
-177.1
6.163
157.0
0.0740
75.2
0.293
157.0
1.4
0.264
175.0
6.136
138.8
0.0770
63.0
0.221
138.8
1.5
0.234
168.5
6.075
122.2
0.0790
51.5
0.158
120.2
1.6
0.213
162.4
5.975
106.7
0.0820
40.6
0.102
102.0
1.7
0.202
155.6
5.858
92.0
0.0850
30.8
0.060
79.9
1.8
0.190
148.8
5.748
78.1
0.0870
21.9
0.024
49.3
1.9
0.182
141.2
5.647
64.9
0.0900
13.1
0.011
-64.4
2
0.176
132.5
5.550
52.0
0.0920
4.6
0.031
-120.6
2.1
0.172
122.9
5.465
39.6
0.0950
-3.4
0.048
-142.9
2.2
0.166
113.0
5.384
27.5
0.0980
-11.2
0.059
-163.7
2.3
0.158
102.5
5.315
15.7
0.1010
-19.2
0.068
177.6
2.4
0.149
89.0
5.263
4.0
0.1050
-26.7
0.072
158.3
2.5
0.146
76.3
5.212
-7.4
0.1080
-34.2
0.076
139.9
2.6
0.134
63.2
5.154
-18.8
0.1100
-42.1
0.080
119.1
2.7
0.127
48.5
5.111
-30.0
0.1130
-50.1
0.079
97.9
2.8
0.122
32.4
5.070
-41.5
0.1170
-57.7
0.080
78.8
2.9
0.116
16.2
5.044
-53.0
0.1200
-65.3
0.078
54.4
3
0.111
-1.5
5.029
-64.5
0.1230
-73.2
0.079
32.6
3.1
0.115
-18.1
4.996
-76.1
0.1260
-81.1
0.077
11.1
3.2
0.120
-33.9
4.960
-87.9
0.1290
-89.0
0.071
-12.8
3.3
0.127
-51.9
4.951
-99.8
0.1320
-96.8
0.068
-38.1
3.4
0.140
-65.6
4.925
-111.7
0.1340
-105.0
0.056
-67.1
3.5
0.146
-79.5
4.890
-124.1
0.1370
-113.5
0.046
-105.9
3.6
0.169
-91.9
4.841
-136.8
0.1400
-122.0
0.046
-158.8
3.7
0.187
-105.5
4.779
-150.1
0.1430
-130.7
0.066
150.7
3.8
0.219
-115.2
4.690
-163.9
0.1450
-139.9
0.105
110.7
3.9
0.252
-126.4
4.580
-178.3
0.1460
-149.8
0.160
81.5
4
0.295
-140.2
4.411
166.8
0.1470
-160.4
0.226
57.1
4.1
0.338
-152.2
4.195
151.5
0.1480
-171.4
0.307
32.3
4.2
0.388
-166.3
3.894
135.8
0.1450
178.0
0.391
10.0
4.3
0.436
-179.6
3.552
120.1
0.1390
166.8
0.476
-12.7
4.4
0.478
166.7
3.153
104.2
0.1320
154.8
0.556
-33.8
4.5
0.515
152.6
2.754
88.5
0.1230
143.6
0.626
-54.7
5
0.594
88.9
1.107
21.6
0.0760
98.1
0.816
-143.6
5.5
0.568
36.9
0.363
-27.7
0.0450
62.6
0.866
149.5
6
0.515
-8.5
0.106
-58.9
0.0350
29.0
0.904
95.4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn