Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WHM2535-12AE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WHM2535-12AE
Description  2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WHM2535-12AE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WHM2535-12AE Datasheet HTML 1Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 2Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 3Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 4Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.wantcominc.com
REV B
b) Passband Frequency Response
As shown in Figure 1, the typical gain of the WHM2535-12AE is 14.0 dB across 2.5 to 3.5 GHz. The typical
input and output return losses are 17 dB and 22 dB across the frequency of 2.5 to 3.5 GHz, respectively.
Figure 2 shows the measured P1dB and IP3 of the WHM2535-12AE. The typical P1dB and IP3 are 14 dBm and
31 dBm in the frequency range of 2.5 to 3.5 GHz, respectively.
Figure 3 illustrates the measured noise figure performance at full temperature. The measured results include
the test fixture loss of approximately 0.10 dB. The noise figure is 1.0 dB (including 0.10 dB test fixture loss) across the
frequency range of 2.5 to 3.5 GHz at room temperature. At 85 0C, WHM2535-12AE only has 0.30 dB noise increases.
At –40 0C, WHM2535-12AE offers approximately 0.25 dB less noise figure than that at room temperature.
Figure 4 demonstrates the stability factor k of the amplifier.
Figure 5 is the block diagram of internal circuit of WHM2535-12AE. It is a one-stage amplifier with the DC
block capacitors at the input and output RF ports. All the RF matching networks, DC bias circuitries, and temperature
compensation circuits are integrated in.
Figure 6 demonstrates the application schematic diagram of WHM2535-12AE. It requires the external
decoupling capacitors C1 of 0.01 uF to build a LNA with WHM2535-12AE. C1 is to be as close to Pin 2 as possible.
This capacitor eliminates the parasitic. The +5V DC is applied at Pin 2. No DC block capacitor is required for both
input and output RF ports. The NC pins connected to ground are recommended. For +5V line trace length being longer
than 6 inch without a decoupling capacitor, an additional 0.01 ~ 0.1 uF de-coupling capacitor with minimum rating
voltage of 10V may be needed across the +5V line to ground. The capacitor must be rated in the temperature range of -
40 0C to 85 0C to ensure the entire circuit working in the specified temperature range.
Figure 7 shows the mechanical outline and recommended motherboard layout of WHM2535-12AE. Plenty
of ground vias on the motherboard are essential for the RF grounding. The width of the 50-Ohm lines at the input and
output RF ports may be different for different property of the substrate.
FIG. 1 Typical small signal performance.
FIG. 2 Typical P1dB and IP3 at room temperature.
WHM2535-12AE Performance @ 25 C
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
Freq (GHz)
S11
S21
S22
WHM2535-12AE IP3 and P1dB
0
5
10
15
20
25
30
35
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Freq (GHz)
IP3 (dBm)
P1dB (dBm)


Similar Part No. - WHM2535-12AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WHM2040AE ETC-WHM2040AE Datasheet
269Kb / 5P
   1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
More results

Similar Description - WHM2535-12AE

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
   .1 - 3.5 GHz Low Noise Amplifier
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
logo
API Technologies Corp
QB-445 APITECH-QB-445 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com