Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WHM2040AE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. WHM2040AE
Description  1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

WHM2040AE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.wantcominc.com
REV B
FIG. 1 Typical small signal performance.
FIG. 2 Typical P1dB and IP3 at room temperature.
FIG. 3 Noise figure performance at full temperature
FIG. 4 Measured stability factor k
FIG. 5 Block diagram of internal circuit.
FIG. 6 Typical application schematic for WHM2040AE
WHM2040AE Stability factor k
0
1
2
3
4
5
6
7
8
9
10
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Freq (GHz)
k
Limit
WHM2040AE Noise Figure
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
Freq (GHz)
25C
-40C
85C
WHM2040AE IP3 and P1dB
0
5
10
15
20
25
30
35
1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
Freq (GHz)
IP3 (dBm)
P1dB (dBm)
WHM2040AE Perform ance @ 25 C
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
Freq (GHz)
S11
S21
S12
S22


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn