Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225DRBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28225DRBT
Description  High-Frequency 4-A Sink Synchronous MOSFET Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28225DRBT Datasheet(HTML) 4 Page - Texas Instruments

  TPS28225DRBT Datasheet HTML 1Page - Texas Instruments TPS28225DRBT Datasheet HTML 2Page - Texas Instruments TPS28225DRBT Datasheet HTML 3Page - Texas Instruments TPS28225DRBT Datasheet HTML 4Page - Texas Instruments TPS28225DRBT Datasheet HTML 5Page - Texas Instruments TPS28225DRBT Datasheet HTML 6Page - Texas Instruments TPS28225DRBT Datasheet HTML 7Page - Texas Instruments TPS28225DRBT Datasheet HTML 8Page - Texas Instruments TPS28225DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
5
4
7
3
8
1
2
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
6 VDD
EN/PG
7
PWM
3
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
6 VDD
EN/PG
7
PWM
3
VIN
PWM 4
GND
VOUT
PWM1
8
PWM3
Enable
PWM2
ToDriver
ToDriver
GNDS
ToController
CSCN
CS 4
ToController
CS 1
VDD (4.5Vto8V)
VIN (3Vto32V − VDD)
TPS28225
TPS28225
VOUT
TPS28225
SLUS710 – MAY 2006
TYPICAL APPLICATIONS (continued)
Multi-Phase Synchronous Buck Converter
ORDERING INFORMATION(1)(2)(3)
TEMPERATURE RANGE, TA = TJ
PACKAGE
TAPE AND REEL QTY.
PART NUMBER
Plastic 8-pin SOIC (D)
250
TPS28225DT
Plastic 8-pin SOIC (D)
2500
TPS28225DR
-40°C to 125°C
Plastic 8-pin DFN (DRB)
250
TPS28225DRBT
Plastic 8-pin DFN (DRB)
3000
TPS28225DRBR
(1)
SOIC-8 (D) and DFN-8 (DRB) packages are available taped and reeled. Add T suffix to device type (e.g. TPS28225DT) to order taped
devices and suffix R to device type to order reeled devices.
(2)
The SOIC-8 (D) and DFN-8 (DRB) package uses in Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to
260°C peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(3)
In the DFN package, the pad underneath the center of the device is a thermal substrate. The PCB “thermal land” design for this
exposed die pad should include thermal vias that drop down and connect to one or more buried copper plane(s). This combination of
vias for vertical heat escape and buried planes for heat spreading allows the DFN to achieve its full thermal potential. This pad should
be either grounded for best noise immunity, and it should not be connected to other nodes.
4
Submit Documentation Feedback


Similar Part No. - TPS28225DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225D TI1-TPS28225D Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225DG4 TI1-TPS28225DG4 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com