Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225DT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS28225DT
Description  High-Frequency 4-A Sink Synchronous MOSFET Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28225DT Datasheet(HTML) 5 Page - Texas Instruments

  TPS28225DT Datasheet HTML 1Page - Texas Instruments TPS28225DT Datasheet HTML 2Page - Texas Instruments TPS28225DT Datasheet HTML 3Page - Texas Instruments TPS28225DT Datasheet HTML 4Page - Texas Instruments TPS28225DT Datasheet HTML 5Page - Texas Instruments TPS28225DT Datasheet HTML 6Page - Texas Instruments TPS28225DT Datasheet HTML 7Page - Texas Instruments TPS28225DT Datasheet HTML 8Page - Texas Instruments TPS28225DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS28225
SLUS710 – MAY 2006
over operating free-air temperature range (unless otherwise noted) (1)(2)
TPS28225
VALUE
UNIT
Input supply voltage range, VDD(3)
–0.3 to 8.8
Boot voltage, VBOOT
–0.3 to 33
DC
–2 to 32 or VBOOT + 0.3 – VDD whichever is less
Phase voltage, VPHASE
Pulse < 400 ns, E = 20
µJ
–7 to 33.1 or VBOOT + 0.3 – VDD whichever is less
Input voltage range, VPWM, VEN/PG
–0.3 to 13.2
VPHASE– 0.3 to VBOOT + 0.3, (VBOOT– VPHASE < 8.8)
V
Output voltage range, VUGATE
Pulse < 100 ns, E = 2
µJ
VPHASE– 2 to VBOOT + 0.3, (VBOOT– VPHASE < 8.8)
–0.3 to VDD + 0.3
Output voltage range, VLGATE
Pulse < 100 ns, E = 2
µJ
–2 to VDD + 0.3
ESD rating, HBM
2 k
ESD rating, HBM ESD rating, CDM
500
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
–40 to 150
Operating ambient temperature range, TA
–40 to 125
°C
Storage temperature, Tstg
–65 to 150
Lead temperature (soldering, 10 sec.)
300
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(3)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. Consult
Packaging Section of the Data book for thermal limitations and considerations of packages.
DERATING FACTOR
TA < 25°C
TA =70°C
TA = 85°C
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
High-K(2)
D
39.4
°C/W
100°C/W
10 mW/°C
1.25 W
0.8 W
0.65 W
High-K(3)
DRB
1.4
°C/W
48.5°C/W
20.6 mW/°C
2.58 W
1.65 W
1.34 W
(1)
These thermal data are taken at standard JEDEC test conditions and are useful for the thermal performance comparison of different
packages. The cooling condition and thermal impedance RθJA of practical design is specific.
(2)
The JEDEC test board JESD51-7, 3-inch x 3-inch, 4-layer with 1-oz internal power and ground planes and 2-oz top and bottom trace
layers.
(3)
The JEDEC test board JESD51-5 with direct thermal pad attach, 3-inch x 3-inch, 4-layer with 1-oz internal power and ground planes and
2-oz top and bottom trace layers.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Input supply voltage
4.5
7.2
8
V
VIN
Power input voltage
3
32 V–VDD
TJ
Operating junction temperature range
–40
125
°C
5
Submit Documentation Feedback


Similar Part No. - TPS28225DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225D TI1-TPS28225D Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225DG4 TI1-TPS28225DG4 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com