Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1B-DN2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA1B-DN2
Description  High-Speed, Slim Style Photoelectric Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA1B-DN2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA1B-DN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA1B-DN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA1B-DN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA1B-DN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA1B-DN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
Sensors
Q-48
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q
Part Numbers: SA1A and SA1B Sensors
Slit options, ordered separately, modify the beam size of through-beam sensors. Use when interference results from mounting sensors in
close proximity.
Part Number
Type
Output
On
Sensing Range
Detects
Style
SA1A-TN1
Through-
Beam
NPN
Light On:
No Object Detected
6' – 6-3/4" (2m)
Opaque
Objects
Ø 0.20"
(5mm)
Minimum
SA1A-TN2
Dark On:
Object Detected
SA1A-TP1
PNP
Light On:
No Object Detected
SA1A-TP2
Dark On:
Object Detected
SA1A-DN1
Reflected
Light
NPN
Light On:
Object Detected
1.97" (50mm)
Opaque or
Transparent
Objects
SA1A-DN2
Dark On:
No Object Detected
SA1A-DP1
PNP
Light On:
Object Detected
SA1A-DP2
Dark On:
No Object Detected
SA1B-TN1
Through-
Beam
NPN
Light On:
No Object Detected
6' – 6-3/4" (2m)
Opaque
Objects
Ø 0.20"
(5mm)
Minimum
SA1B-TN2
Dark On:
Object Detected
SA1B-TP1
PNP
Light On:
No Object Detected
SA1B-TP2
Dark On:
Object Detected
SA1B-DN1
Reflected
Light
NPN
Light On:
Object Detected
1.97" (50mm)
Opaque or
Transparent
Objects
SA1B-DN2
Dark On:
No Object Detected
SA1B-DP1
PNP
Light On:
Object Detected
SA1B-DP2
Dark On:
No Object Detected
Part Number and
Slit Width
Used on One Side
Used on Both Sides
SA9Z-S01
0.02" (0.5mm)
19.69" (0.5m)
11.81" (0.3m)
SA9Z-S02
0.04" (1mm)
39.37" (1m)
23.62" (0.6m)
SA9Z-S03
0.08" (2mm)
59.06" (1.5m)
35.43" (0.9m)
All sensors include mounting brackets/screws. Through-beam sensors come with a
crimping tool, and diffuse-reflected sensors include a screwdriver.
Modifying Beam Width: Through-Beam
Broad
Narrow
Style
Style


Similar Part No. - SA1B-DN2

ManufacturerPart #DatasheetDescription
logo
Semikron International
SA1B SEMIKRON-SA1B Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SA1B SEMIKRON-SA1B Datasheet
188Kb / 2P
   Standard Avalanche Diodes
More results

Similar Description - SA1B-DN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com