Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032-90LGI Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI1032-90LGI
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032-90LGI Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI1032-90LGI Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032-90LGI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specifications ispLSI 1032
5
1. Unless noted otherwise, all parameters use a GRP load of 4 GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-Bit counter using GRP feedback.
4. fmax (Toggle) may be less than 1/(twh + twl). This is to allow for a clock duty cycle of other than 50%.
5. Reference Switching Test Conditions section.
MIN. MAX.
Data Propagation Delay, 4PT bypass, ORP bypass
Data Propagation Delay, Worst Case Path
Clock Frequency with Internal Feedback3
Clock Frequency with External Feedback
Clock Frequency, Max Toggle4
GLB Reg. Setup Time before Clock, 4PT bypass
GLB Reg. Clock to Output Delay, ORP bypass
GLB Reg. Hold Time after Clock, 4 PT bypass
GLB Reg. Setup Time before Clock
GLB Reg. Clock to Output Delay
GLB Reg. Hold Time after Clock
Ext. Reset Pin to Output Delay
Ext. Reset Pulse Duration
Input to Output Enable
Input to Output Disable
Ext. Sync. Clock Pulse Duration, High
Ext. Sync. Clock Pulse Duration, Low
I/O Reg. Setup Time before Ext. Sync. Clock (Y2, Y3)
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
ns
MHz
MHz
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tpd1
tpd2
fmax (Int.)
fmax (Ext.)
fmax (Tog.)
tsu1
tco1
th1
tsu2
tco2
th2
tr1
trw1
ten
tdis
twh
twl
tsu5
th5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
A
A
A
A
A
B
C
DESCRIPTION1
PARAMETER
#
2
UNITS
TEST 5
COND.
1
tsu2 + tco1
(
)
MIN. MAX.
80
50
100
7
0
10
0
10
5
5
2
6.5
15
20
10
12
17
18
18
60
38
83
9
0
13
0
13
6
6
2.5
8.5
20
25
13
16
22.5
24
24
-80
-60
MIN. MAX.
90.9
58.8
125
6
0
9
0
10
4
4
2
6.5
12
17
8
10
15
15
15
-90
Table 2-0030-32/90,80,60C
External Timing Parameters
Over Recommended Operating Conditions


Similar Part No. - ISPLSI1032-90LGI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032-90LJ LATTICE-ISPLSI1032-90LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-90LT LATTICE-ISPLSI1032-90LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032-90LGI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com