Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032-60LJI Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI1032-60LJI
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032-60LJI Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI1032-60LJI Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 12Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 13Page - Lattice Semiconductor ISPLSI1032-60LJI Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Specifications ispLSI 1032
10
Pin Description
Input —Dedicated in-system programming enable input pin. This pin
is brought low to enable the programming mode. The MODE, SDI,
SDO and SCLK options become active.
Input —This pin performs two functions. It is a dedicated input pin when
ispEN is logic high. When ispEN is logic low, it functions as an input
pin to load programming data into the device. SDI/IN 0 also is used as
one of the two control pins for the isp state machine.
Input —This pin performs two functions. It is a dedicated input pin when
ispEN is logic high. When ispEN is logic low, it functions as a pin to
control the operation of the isp state machine.
Input/Output —This pin performs two functions. It is a dedicated input
pin when ispEN is logic high. When ispEN is logic low, it functions as
an output pin to read serial shift register data.
Input —This pin performs two functions. It is a dedicated input when
ispEN is logic high. When ispEN is logic low, it functions as a clock pin
for the Serial Shift Register.
Name
PLCC Pin Numbers
Description
Input/Output Pins - These are the general purpose I/O pins used by the
logic array.
I/O 0 - I/O 3
26,
27,
28,
29,
I/O 4 - I/O 7
30,
31,
32,
33,
I/O 8 - I/O 11
34,
35,
36,
37,
I/O 12 - I/O 15
38,
39,
40,
41,
I/O 16 - I/O 19
45,
46,
47,
48,
I/O 20 - I/O 23
49,
50,
51,
52,
I/O 24 - I/O 27
53,
54,
55,
56,
I/O 28 - I/O 31
57,
58,
59,
60,
I/O 32 - I/O 35
68,
69,
70,
71,
I/O 36 - I/O 39
72,
73,
74,
75,
I/O 40 - I/O 43
76,
77,
78,
79,
I/O 44 - I/O 47
80,
81,
82,
83,
I/O 48 - I/O 51
3,
4,
5,
6,
I/O 52 - I/O 55
7,
8,
9,
10,
I/O 56 - I/O 59
11,
12,
13,
14,
I/O 60 - I/O 63
15,
16,
17,
18
IN 4 - IN 7
67,
84,
2,
19
Dedicated input pins to the device.
Active Low (0) Reset pin which resets all of the GLB and I/O registers
in the device.
Dedicated Clock input. This clock input is connected to one of the
clock inputs of all of the GLBs on the device.
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any GLB on the
device.
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any GLB and/or
any I/O cell on the device.
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any I/O cell on the
device.
ispEN
23
SDI/IN 01
25
MODE/IN 11
42
SDO/IN 21
44
SCLK/IN 31
61
GND
1,
22,
43,
64
VCC
21,
65
Ground (GND)
V
CC
RESET
24
Y0
20
Y1
66
Y2
63
Y3
62
1. Pins have dual function capability


Similar Part No. - ISPLSI1032-60LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032-60LJI LATTICE-ISPLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032-60LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com