Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA36-12GWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. BA36-12GWA
Description  9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BA36-12GWA Datasheet(HTML) 3 Page - Kingbright Corporation

  BA36-12GWA Datasheet HTML 1Page - Kingbright Corporation BA36-12GWA Datasheet HTML 2Page - Kingbright Corporation BA36-12GWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAA3216
REV NO: V.3
DATE: APR/25/2002
PAGE: 3 OF 3
APPROVED:J.LU
CHECKED: Joe Lee
DRAWN: Y.F.XU
Green BA36-12GWA


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn