Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA36-12GWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # BA36-12GWA
Description  9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BA36-12GWA Datasheet(HTML) 2 Page - Kingbright Corporation

  BA36-12GWA Datasheet HTML 1Page - Kingbright Corporation BA36-12GWA Datasheet HTML 2Page - Kingbright Corporation BA36-12GWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAA3216
REV NO: V.3
DATE: APR/25/2002
PAGE: 2 OF 3
APPROVED:J.LU
CHECKED: Joe Lee
DRAWN: Y.F.XU
Selection Guide
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gs
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
5
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
5
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
0
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pn
e
e
r
G5
6
5m
nIF
A
m
0
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dn
e
e
r
G8
6
5m
nIF
A
m
0
2
=
λ
2
/
1
h
t
d
i
w
-f
l
a
H
e
n
i
L
l
a
rt
c
e
p
Sn
e
e
r
G0
3m
nIF
A
m
0
2
=
Ce
c
n
a
ti
c
a
p
a
Cn
e
e
r
G5
1F
pVF
z
H
M
1
=
f;
V
0
=
VF
e
g
a
tl
o
V
d
r
a
w
r
o
Fn
e
e
r
G2
.
25
.
2VIF
A
m
0
2
=
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rn
e
e
r
G0
1A
uVR
V
5
=
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
A
W
G
2
1
-
6
3
A
B)
P
a
G
(
N
E
E
R
GD
E
S
U
F
F
I
D
E
T
I
H
W0
0
0
30
0
0
8l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
n
A
n
o
m
m
o
C


Similar Part No. - BA36-12GWA

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

Similar Description - BA36-12GWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR09C3 SUNLED-DUR09C3 Datasheet
189Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUG09C3 SUNLED-DUG09C3 Datasheet
188Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUR09A3 SUNLED-DUR09A3 Datasheet
189Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUY09A3 SUNLED-DUY09A3 Datasheet
191Kb / 4P
   9mm (0.36?? THREE DIGIT NUMERIC DISPLAY
DMR09A3 SUNLED-DMR09A3 Datasheet
188Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DMR09C3 SUNLED-DMR09C3 Datasheet
189Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUG09A3 SUNLED-DUG09A3 Datasheet
187Kb / 4P
   9mm (0.36) THREE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA36-11 KINGBRIGHT-SA36-11 Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
181Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
182Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com