Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032-60LJ Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI1032-60LJ
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032-60LJ Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI1032-60LJ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 12Page - Lattice Semiconductor ISPLSI1032-60LJ Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Specifications ispLSI 1032
9
Maximum GRP Delay vs GLB Loads
ispLSI 1032-80
ispLSI 1032-60
ispLSI 1032-90
0126A-80-32-isp
1
2
3
4
8
12
16
GLB Loads
4
5
6
0
Power Consumption
ure 3 shows the relationship between power and operat-
ing speed.
Power consumption in the ispLSI 1032 device depends
on two primary factors: the speed at which the device is
operating, and the number of Product Terms used. Fig-
Figure 3. Typical Device Power Consumption vs fmax
50
100
150
200
250
0
1020
3040
50
60
70
fmax (MHz)
80
Notes: Configuration of eight 16-bit Counters
Typical Current at 5V, 25ßC
ispLSI 1032
0127A-32-80-isp
ICC can be estimated for the ispLSI 1032 using the following equation:
ICC = 52 + (# of PTs * 0.30) + (# of nets * Max. freq * 0.009) where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max. freq = Highest Clock Frequency to the device
The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of 2 GLB loads on
average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the
program in the device, the actual ICC should be verified.


Similar Part No. - ISPLSI1032-60LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032-60LJ LATTICE-ISPLSI1032-60LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-60LJI LATTICE-ISPLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032-60LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com