Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032-60 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI1032-60
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032-60 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI1032-60 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032-60 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Specifications ispLSI 1032
2
Functional Block Diagram
Figure 1. ispLSI 1032 Functional Block Diagram
The device also has 64 I/O cells, each of which is directly
connected to an I/O pin. Each I/O cell can be individually
programmed to be a combinatorial input, registered in-
put, latched input, output or bi-directional I/O pin with
3-state control. Additionally, all outputs are polarity se-
lectable, active high or active low. The signal levels are
TTL compatible voltages and the output drivers can
source 4 mA or sink 8 mA.
Eight GLBs, 16 I/O cells, two dedicated inputs and one
ORP are connected together to make a Megablock (see
figure 1). The outputs of the eight GLBs are connected to
a set of 16 universal I/O cells by the ORP. The I/O cells
within the Megablock also share a common Output
Enable (OE) signal. The ispLSI 1032 device contains four
of these Megablocks.
The GRP has as its inputs the outputs from all of the GLBs
and all of the inputs from the bi-directional I/O cells. All of
these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 1032 device are selected using the
Clock Distribution Network. Four dedicated clock pins
(Y0, Y1, Y2 and Y3) are brought into the distribution
network, and five clock outputs (CLK 0, CLK 1, CLK 2,
IOCLK 0 and IOCLK 1) are provided to route clocks to the
GLBs and I/O cells. The Clock Distribution Network can
also be driven from a special clock GLB (C0 on the ispLSI
1032 device). The logic of this GLB allows the user to
create an internal clock from a combination of internal
signals within the device.
Y
0
Y
1
Y
2
Y
3
I/O 0
I/O 1
I/O 2
I/O 3
IN 5
IN 4
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 47
I/O 46
I/O 45
I/O 44
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
SDI/IN 0
MODE/IN 1
I/O
62
I/O
63
I/O
61
I/O
60
I/O
59
I/O
58
I/O
57
I/O
56
I/O
55
I/O
54
I/O
53
I/O
52
I/O
51
I/O
50
I/O
49
I/O
48
IN
7
IN
6
I/O
17
I/O
16
I/O
18
I/O
19
I/O
20
I/O
21
I/O
22
I/O
23
I/O
24
I/O
25
I/O
26
I/O
27
I/O
28
I/O
29
I/O
30
I/O
31
SDO/IN 2
SCLK/IN 3
I/O 4
I/O 5
RESET
Global
Routing
Pool
(GRP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
CLK 0
CLK 1
CLK 2
IOCLK 0
IOCLK 1
Clock
Distribution
Network
D7
D6
D5
D4
D3
D2
D1
D0
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
A3
A4
A5
A6
A7
C7
C6
C5
C4
C3
C2
C1
C0
Generic
Logic Blocks
(GLBs)
Megablock
Input Bus
Input Bus
ispEN
0139(1)-32-isp


Similar Part No. - ISPLSI1032-60

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032-60LG/883 LATTICE-ISPLSI1032-60LG/883 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1032-60LG/883 LATTICE-ISPLSI1032-60LG/883 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-60LJ LATTICE-ISPLSI1032-60LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-60LJI LATTICE-ISPLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-60LT LATTICE-ISPLSI1032-60LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032-60

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com