Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI1032 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part No. ISPLSI1032
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

ISPLSI1032 Datasheet(HTML) 3 Page - Lattice Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Specifications ispLSI 1032
3
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
V
V
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
5.25
5.5
5.5
0.8
Vcc + 1
Supply Voltage
VCC
VIL
VIH
Table 2- 0005Aisp w/mil.eps
4.75
4.5
4.5
0
2.0
Commercial
TA = 0
°C to +70°C
Industrial
TA = -40
°C to +85°C
Military/883
T
C = -55°C to +125°C
Input Low Voltage
Input High Voltage
V
Capacitance (T
A=25
oC, f=1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM1
UNITS
TEST CONDITIONS
C
1
Commercial/Industrial
8
pf
V
CC=5.0V, VIN=2.0V
Military
10
pf
V
CC=5.0V, VIN=2.0V
C
2
I/O and Clock Capacitance
10
pf
V
CC=5.0V, VI/O, VY=2.0V
1
. Guaranteed but not 100% tested.
Table 2- 0006
Dedicated Input Capacitance
Data Retention Specifications
Table 2- 0008B
PARAMETER
Data Retention
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
20
10000
Years
Cycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn