Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5215B Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFCT-5215B
Description  Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5215B Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFCT-5215B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5215B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Agilent HFCT-5215B/D 155 Mb/s
Single Mode Laser Transceiver for
ATM, SONET OC-3/SDH STM-1 (L1.1)
Data Sheet
Description
The HFCT-5215 transceiver is a
high performance, cost effective
module for serial optical data
communications applications
specified for a signal rate of
155 MBd. It is designed to provide
a SONET/SDH compliant link for
155 Mb/s long reach links.
This module is designed for single
mode fiber and operates at a
nominal wavelength of 1300 nm.
It incorporates Agilent’s high
performance, reliable, long
wavelength optical devices and
proven circuit technology to give
long life and consistent service.
The transmitter section uses a
Multiple Quantum Well laser with
full IEC 825 and CDRH Class I eye
safety.
The receiver section uses a planar
PIN photodetector for low dark
current and excellent
responsivity.
A pseudo-ECL logic interface
simplifies interface to external
circuitry.
Features
• SC duplex single mode
transceiver
• Long reach SONET OC3 SDH
STM1 (L1.1) compliant
• Single +5 V power supply
• Multisourced 1 x 9 pin
package style
• Aqueous washable plastic
package
• Interchangeable with LED
multisourced 1 x 9 transceivers
• Unconditionally eye safe laser IEC
825/CDRH Class 1 compliant
Applications
• ATM 155 Mb/s links
• SONET OC-3/SDH STM-1
interconnections


Similar Part No. - HFCT-5215B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205A HP-HFCT-5205A Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205B HP-HFCT-5205B Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205C HP-HFCT-5205C Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205D HP-HFCT-5205D Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5215B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
HFCT-5942 HP-HFCT-5942 Datasheet
303Kb / 19P
   Agilent HFCT-5942xxx Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5964TL HP-HFCT-5964TL Datasheet
254Kb / 17P
   Agilent HFCT-5964TL/TG/NL/NG/ATL/ ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com