Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2364FB100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2364FB100
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2364FB100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2364FB100 Datasheet HTML 4Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 5Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 6Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 7Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 8Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 9Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 10Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 11Page - NXP Semiconductors LPC2364FB100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LPC2364_66_68_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 September 2006
8 of 48
Philips Semiconductors
LPC2364/2366/2368
Fast communication chip
P0.26/AD0.3/
AOUT/RXD3
6I/O
P0.26 — General purpose digital input/output pin.
I
AD0.3 — ADC 0, input 3.
O
AOUT — DAC output.
I
RXD3 — Receiver input for UART3.
P0.27/SDA0
25
I/O
P0.27 — General purpose digital input/output pin.
I/O
SDA0 — I2C0 data input/output. Open drain output (for I2C compliance).
P0.28/SCL0
24
I/O
P0.28 — General purpose digital input/output pin.
I/O
SCL0 — I2C0 clock input/output. Open drain output (for I2C compliance).
P0.29/U1D+
29
I/O
P0.29 — General purpose digital input/output pin.
I/O
U1D+ — USB1 bidirectional D+ line.
P0.30/U1D
30
I/O
P0.30 — General purpose digital input/output pin.
I/O
U1D
− — USB1 bidirectional D− line.
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32 bit I/O port with individual direction controls for each bit. The
operation of port 1 pins depends upon the pin function selected via the Pin Connect
block. Pins 2, 3, 5, 6, 7, 11, 12, and 13 of this port are not available.
P1.0/
ENET_TXD0
95
I/O
P1.0 — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0.
P1.1/
ENET_TXD1
94
I/O
P1.1 — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1.
P1.4/
ENET_TX_EN
93
I/O
P1.4 — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable.
P1.8/
ENET_CRS
92
I/O
P1.8 — General purpose digital input/output pin.
I
ENET_CRS — Ethernet carrier sense.
P1.9/
ENET_RXD0
91
I/O
P1.9 — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data.
P1.10/
ENET_RXD1
90
I/O
P1.10 — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data.
P1.14/
ENET_RX_ER
89
I/O
P1.14 — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error.
P1.15/
ENET_REF_CL
K
88
I/O
P1.15 — General purpose digital input/output pin.
I
ENET_REF_CLK — Ethernet receiver clock.
P1.16/
ENET_MDC
87
I/O
P1.16 — General purpose digital input/output pin.
I
ENET_MDC — Ethernet MIIM clock.
P1.17/
ENET_MDIO
86
I/O
P1.17 — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MI data input and output.
P1.18/
U1UP_LED/
PWM1.1/
CAP1.0
32
I/O
P1.18 — General purpose digital input/output pin.
O
U1UP_LED — USB1 GoodLink LED indicator. It is LOW when device is configured
(non-control endpoints enabled). It is HIGH when the device is not configured or during
global suspend.
O
PWM1.1 — Pulse Width Modulator 1, channel 1 output.
I
CAP1.0 — Capture input for Timer 1, channel 0.
Table 3.
Pin description …continued
Symbol
Pin
location
Type
Description


Similar Part No. - LPC2364FB100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364FBD100 NXP-LPC2364FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FBD100 NXP-LPC2364FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FBD100 NXP-LPC2364FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LPC2364FB100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2365FBD100 NXP-LPC2365FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FET100 NXP-LPC2364FET100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2377 NXP-LPC2377 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2377 NXP-LPC2377_10 Datasheet
1Mb / 68P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 5-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com